Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 21 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 17Page - Numonyx B.V M58LR256KC Datasheet HTML 18Page - Numonyx B.V M58LR256KC Datasheet HTML 19Page - Numonyx B.V M58LR256KC Datasheet HTML 20Page - Numonyx B.V M58LR256KC Datasheet HTML 21Page - Numonyx B.V M58LR256KC Datasheet HTML 22Page - Numonyx B.V M58LR256KC Datasheet HTML 23Page - Numonyx B.V M58LR256KC Datasheet HTML 24Page - Numonyx B.V M58LR256KC Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Command interface
21/108
4.6
Block Erase command
The Block Erase command erases a block. It sets all the bits within the selected block to ’1,
and all previous data in the block is lost.
If the block is protected then the erase operation aborts, the data in the block does not
change, and the Status Register outputs the error.
Two bus write cycles are required to issue the command:
●
The first bus cycle sets up the Block Erase command.
●
The second latches the block address and starts the Program/Erase Controller.
If the second bus cycle is not the block erase confirm code, Status Register bits SR4 and
SR5 are set and the command is aborted.
Once the command is issued the bank enters read Status Register mode and any read
operation within the addressed bank outputs the contents of the Status Register. A Read
Array command is required to return the bank to read array mode.
During block erase operations the bank containing the block being erased only accepts the
Read Array, Read Status Register, Read Electronic Signature, Read CFI Query, and the
Program/Erase Suspend commands; all other commands are ignored.
The block erase operation aborts if Reset, RP, goes to VIL. As data integrity cannot be
guaranteed when the block erase operation is aborted, the block must be erased again.
Refer to Section 8 for detailed information about simultaneous operations allowed in banks
not being erased.
Typical Erase times are given in Table 18: Program/erase times and endurance cycles.
See Appendix C, Figure 21: Block erase flowchart and pseudocode for a suggested
flowchart for using the Block Erase command.
4.7
Blank Check command
The Blank Check command checks whether a main array block has been completely
erased. Only one block at a time can be checked. To use the Blank Check command VPP
must be equal to VPPH. If VPP is not equal to VPPH, the device ignores the command and no
error is shown in the Status Register.
Two bus cycles are required to issue the Blank Check command:
●
The first bus cycle writes the Blank Check command (BCh) to any address in the block
to be checked.
●
The second bus cycle writes the Blank Check Confirm command (CBh) to any address
in the block to be checked and starts the blank check operation.
If the second bus cycle is not Blank Check Confirm, Status Register bits SR4 and SR5 are
set to '1' and the command aborts.
Once the command is issued, the addressed bank automatically enters Status Register
mode and further reads within the bank output the Status Register contents.
The only operation permitted during blank check is read Status Register. Dual operations
are not supported while a blank check operation is in progress. Blank check operations
cannot be suspended and are not allowed while the device is in Program/Erase Suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com