Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 15 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 15 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 11Page - Numonyx B.V M58LR256KC Datasheet HTML 12Page - Numonyx B.V M58LR256KC Datasheet HTML 13Page - Numonyx B.V M58LR256KC Datasheet HTML 14Page - Numonyx B.V M58LR256KC Datasheet HTML 15Page - Numonyx B.V M58LR256KC Datasheet HTML 16Page - Numonyx B.V M58LR256KC Datasheet HTML 17Page - Numonyx B.V M58LR256KC Datasheet HTML 18Page - Numonyx B.V M58LR256KC Datasheet HTML 19Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Signal descriptions
15/108
2.13
VPP program supply voltage
VPP is both a control input and a power supply pin. The two functions are selected by the
voltage range applied to the pin.
If VPP is kept in a low voltage range (0 V to VDDQ) VPP is seen as a control input. In this case
a voltage lower than VPPLK gives absolute protection against program or erase, while VPP in
the VPP1 range enables these functions (see Tables 22 and 23, DC Characteristics, for the
relevant values). VPP is only sampled at the beginning of a program or erase; a change in its
value after the operation has started does not have any effect and program or erase
operations continue.
If VPP is in the range of VPPH it acts as a power supply pin. In this condition VPPF must be
stable until the program/erase algorithm is completed.
2.14
VSS ground
VSS ground is the reference for the core supply. It must be connected to the system ground.
2.15
VSSQ ground
VSSQ ground is the reference for the input/output circuitry driven by VDDQ. VSSQ must be
connected to VSS
Note:
Each device in a system should have VDD, VDDQ and VPP decoupled with a 0.1 µF ceramic
capacitor close to the pin (high-frequency, inherently-low inductance capacitors should be
as close as possible to the package). See Figure 8: AC measurement load circuit. The PCB
track widths should be sufficient to carry the required VPP program and erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com