Electronic Components Datasheet Search
  English  ▼

X  

M58LR256KC Datasheet(PDF) 17 Page - Numonyx B.V

Part # M58LR256KC
Description  128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR256KC Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M58LR256KC Datasheet HTML 13Page - Numonyx B.V M58LR256KC Datasheet HTML 14Page - Numonyx B.V M58LR256KC Datasheet HTML 15Page - Numonyx B.V M58LR256KC Datasheet HTML 16Page - Numonyx B.V M58LR256KC Datasheet HTML 17Page - Numonyx B.V M58LR256KC Datasheet HTML 18Page - Numonyx B.V M58LR256KC Datasheet HTML 19Page - Numonyx B.V M58LR256KC Datasheet HTML 20Page - Numonyx B.V M58LR256KC Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 108 page
background image
M58LRxxxKC, M58LRxxxKD
Bus operations
17/108
3.5
Standby
Standby disables most of the internal circuitry allowing a substantial reduction of the current
consumption. The memory is in standby when Chip Enable and Reset are at VIH. The power
consumption is reduced to the standby level IDD3 and the outputs are set to high impedance,
independently from the Output Enable or Write Enable inputs. If Chip Enable switches to VIH
during a program or erase operation, the device enters standby mode when finished.
3.6
Reset
During reset mode the memory is deselected and the outputs are high impedance. The
memory is in reset mode when Reset is at VIL. The power consumption is reduced to the
reset level, independently from the Chip Enable, Output Enable, or Write Enable inputs. If
Reset is pulled to VSS during a program or erase, this operation is aborted and the memory
content is no longer valid.
Table 4.
Bus operations(1)
1.
X = ‘don't care’
Operation
E
G
W
L
RP
WAIT(2)
2.
WAIT signal polarity is configured using the Set Configuration Register command.
ADQ15-ADQ0
Bus Read
VIL
VIL
VIH
VIH
VIH
Data Output
Bus write
VIL
VIH
VIL
VIH
VIH
Data Input
Address Latch
VIL
VIH
XVIL
VIH
Address Input
Output Disable
VIL
VIH
VIH
VIH
VIH
Hi-Z
Standby
VIH
XX
X
VIH
Hi-Z
Hi-Z
Reset
X
X
X
X
VIL
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com