Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 4Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 5Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 6Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 7Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 8Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 9Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 10Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 11Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
8
April 26, 2016
2.3.
Electrical Parameters
All parameter values are valid under operating conditions specified in chapter 2.2 if no other conditions are
mentioned.
Table 2.3
Electrical Characteristics
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
Transmitter Output Stages (COM
1/AUX2)
IDAL_0
Alarm level threshold
corresponding to configurable
output current limitation
2)
Dual Driver Mode
50
IDout_0
mA
Dual mode
The active setting is defined in
the configuration registers
IDAL_1
100
IDout_1
mA
IDAL_2
200
IDout_2
mA
IDAL_3
250
IDout_3
mA
IMAL_0
Alarm level threshold
corresponding to configurable
output current limitation
2)
Tandem Driver Mode
100
IMout_0
mA
Tandem mode
The active setting is defined in
the configuration registers.
IMAL_1
200
IMout_1
mA
IMAL_2
400
IMout_2
mA
IMAL_3
500
IMout_3
mA
IDout_0
Configurable output current limit
2)
Dual Driver Mode
56
95
mA
Dual mode
The active setting is defined in
the configuration registers.
IDout_1
112
180
mA
IDout_2
224
330
mA
IDout_3
280
410
mA
IMout_0
Configurable output current limit
2)
Tandem Driver Mode
112
180
mA
Tandem mode
The active setting is defined in
the configuration registers.
IMout_1
224
360
mA
IMout_2
448
660
mA
IMout_3
560
820
mA
SR38
Slew rate
3)
6
10
14
5)
V/µs
referring to IO-Link Spec.:
38,4kBaud (COM2),
SR230
40
60
80
5)
V/µs
referring to IO-Link Spec.:
230.4kBaud (COM3)
tTLHdelayCOM3
Propagation delay L-H edge
250
ns
Time from LV L-H edge till HV
edge begins to rise (COM3 baud
rate)
tTHLdelayCOM3
Propagation delay H-L edge
250
ns
Time from LV H-L edge till HV
edge begins to fall (COM3 baud
rate)
tTLHdelayCOM2
Propagation delay L-H edge
700
ns
Time from LV L-H edge till HV
edge begins to rise (COM2 baud
rate)
1 The COM transmitter is only available inside the products ZIOL24xx/22xx
2 The AUX transmitter is only available inside the products ZIOL24xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com