Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 6Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 7Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 8Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 9Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 10Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 11Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 12Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 13Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 26, 2016
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
WURQ Detection
twurqL
Lower pulse width limit of signal
evaluated as IO-Link wake-up
60
68
75
µs
Refer to chapter 3.3.4
twurqU
Upper pulse width limit of signal
evaluated as IO-Link wake-up
85
94
109
µs
Refer to chapter 3.3.4
DC/DC converter
1
VOUT
Output voltage Range
6)
3
15
V
@ VDD_HV > Vout + 2V
(step down function only)
ILOAD
Output load current
5
4)
50
mA
Current that flows to the
application and the R-Divider
IPK
Over current limit for output
transistor
240
mA
Averaged current over complete
short at DCDC converter output
fosc
Operating frequency
2.25
2.75
MHz
Vref
Reference/feedback Voltage
1.225
V
at FB pin in steady state
ΔVOUT_Line
DC Output Line Regulation
8
mV/V
@Vout=5V, ILOAD = 5mA
Filter: C=10µF, L=10µH
ΔVOUT_Load
DC Output Load Regulation
mV/mA
Filter: C=10µF, L=10µH
VOUT = 5V
@Vout=3.3V
0.7
1.4
@Vout=15V
3.3
6.9
Vripple
Ripple of Output Voltage
mVPP
Filter: C=10µF, L=10µH
VOUT = 5V
@ VDD_HV >= 24V
65
7)
@ VDD_HV < 24V
25
7)
tstrt
Settling time after POR is
released
1
ms
For C=10µF, L=10µH
Higher C may result in higher tstrt
tDLY
digital delay for DC_RDY signal
45
50
55
ms
If enabled in configuration
η
Efficiency
8)
%
Filter: C=10µF, L=10µH
1 The DC/DC converter is only available inside the products ZIOL2401/2402/2201/2202/2101/2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com