Electronic Components Datasheet Search
  English  ▼

X  

ZIOL2201 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # ZIOL2201
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2201 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button ZIOL2201 Datasheet HTML 82Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 83Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 84Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 85Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 86Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 87Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 88Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 89Page - Renesas Technology Corp ZIOL2201 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
86
April 26, 2016
•
Bit[3]:
Reset of the stored WURQ exception
Figure 10.5 Partial Reset of Overload Counter or the entire Lock circuit
Channel
Driver
unlocked
Over-load /
Over-temp
Reg[20]
Peak Counter
Reg[21:25]
Overload
Counter
Stored
Exception
Reg[18]
INT_L
Lock Reset
(lock counter
elapsed)
Assert time
Exception
(state signal)
Reg[20]
By „Read & Clear“ reset of
the peak counter
Assert time expired,
exception causes
INT_L = 0 (if configured)
unlocked
locked
monitored physical value exceeds the configured limit
overload counter
equals configured limit
time
time
time
time
time
time
Configured
Lock time
Write Pulse to Reg[16] or reg[17] will
reset the overload counter only since
there is no exception present
Write Pulse to
Reg[16] = reset lock circuit
A write pulse access to register [17] works similar but performs only a partial reset of the overload counter as in
the following described:
•
Bit[0]:
Reset of the over-temperature counter
•
Bit[1]:
Reset of the over-current counter assigned to the COM LS driver
•
Bit[2]:
Reset of the over-current counter assigned to the COM HS driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92