Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 9 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 9 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 5Page - Intel Corporation LXT362 Datasheet HTML 6Page - Intel Corporation LXT362 Datasheet HTML 7Page - Intel Corporation LXT362 Datasheet HTML 8Page - Intel Corporation LXT362 Datasheet HTML 9Page - Intel Corporation LXT362 Datasheet HTML 10Page - Intel Corporation LXT362 Datasheet HTML 11Page - Intel Corporation LXT362 Datasheet HTML 12Page - Intel Corporation LXT362 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications — LXT362
Datasheet
9
1.1
Mode Dependent Signals
As shown in Figure 2, the LXT362 has various signal pins that change function (and name)
according to the selected mode(s) of operation. These pins, associated signal names and operating
modes are summarized in Table 1 and Table 2. LXT362 signals are described in Table 3.
Table 1.
LXT362 Clock and Data Pins by Mode1
Pin #
External Data Modes
QRSS Modes
Bipolar Mode
Unipolar Mode
Bipolar Mode
Unipolar Mode
PLCC
QFP
139
MCLK
241
TCLK
3
42
TPOS
TDATA
INSLER
4
43
TNEG
INSBPV
INSBPV
6
3
RNEG
BPV
RNEG
BPV
7
4
RPOS
RDATA
RPOS
RDATA
8
5
RCLK
13
15
TTIP
16
19
TRING
19
24
RTIP
20
25
RRING
1. Data pins change based on whether external data or internal QRSS mode is active. Clock pins remain the same in both
Hardware and Host modes.
Table 2.
LXT362 Control Pins by Mode
Pin #
Hardware Modes
Host Modes
Pin #
Hardware Modes
Host Modes
PLCC
QFP
Unipolar/
Bipolar
QRSS
Unipolar/
Bipolar
QRSS
PLCC
QFP
Unipolar/
Bipolar
QRSS
Unipolar/
Bipolar
QRSS
5
2
MODE
MODE
25
35
EC3
SDO
9
7
TRSTE
TRSTE
17
20
EC4
Low
11
10
JASEL
Low
18
21
NLOOP
NLOOP
12
13
LOS
LOS/
QPD
LOS
LOS/
QPD
26
36
RLOOP
CS
23
31
EC1
INT
27
37
LLOOP
SCLK
24
32
EC2
SDI
28
38
TAOS
QRSS
CLKE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com