Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 4 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 4 Page - Intel Corporation

  LXT362 Datasheet HTML 1Page - Intel Corporation LXT362 Datasheet HTML 2Page - Intel Corporation LXT362 Datasheet HTML 3Page - Intel Corporation LXT362 Datasheet HTML 4Page - Intel Corporation LXT362 Datasheet HTML 5Page - Intel Corporation LXT362 Datasheet HTML 6Page - Intel Corporation LXT362 Datasheet HTML 7Page - Intel Corporation LXT362 Datasheet HTML 8Page - Intel Corporation LXT362 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LXT362 — Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
4
Datasheet
Figures
1
LXT362 Block Diagram ......................................................................................... 7
2
LXT362 Pin Assignments...................................................................................... 8
3
50% Duty Cycle Coding ...................................................................................... 15
4
Serial Port Data Structure ................................................................................... 19
5
TAOS with LLOOP .............................................................................................. 21
6
Local Loopback ................................................................................................... 22
7
Analog Loopback ................................................................................................ 22
8
Remote Loopback ............................................................................................... 23
9
Dual Loopback .................................................................................................... 24
10
TAOS Data Path ................................................................................................. 24
11
QRSS Mode ........................................................................................................ 25
12
Typical Hardware Mode Application.................................................................... 36
13
Typical Host Mode Application ............................................................................ 37
14
1.544 MHz T1 Pulse (DS1 and DSX-1) (See Table 25) ...................................... 40
15
Transmit Clock Timing ........................................................................................ 41
16
Receive Clock Timing ......................................................................................... 42
17
Serial Data Input Timing Diagram ....................................................................... 43
18
Serial Data Output Timing Diagram .................................................................... 43
19
Typical T1 Jitter Tolerance at 36 dB ................................................................... 44
20
T1 Jitter Attenuation ............................................................................................ 45
21
Plastic Leaded Chip Carrier Package Specifications .......................................... 46
22
Plastic Quad Flat Package Specifications........................................................... 47
23
Low-Profile Quad Flat Package Specifications ................................................... 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com