Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 30 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 30 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 26Page - Intel Corporation LXT362 Datasheet HTML 27Page - Intel Corporation LXT362 Datasheet HTML 28Page - Intel Corporation LXT362 Datasheet HTML 29Page - Intel Corporation LXT362 Datasheet HTML 30Page - Intel Corporation LXT362 Datasheet HTML 31Page - Intel Corporation LXT362 Datasheet HTML 32Page - Intel Corporation LXT362 Datasheet HTML 33Page - Intel Corporation LXT362 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
LXT362 — Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
30
Datasheet
Table 9.
Control Register #1 Read/Write, Address (A7-A0) = x010000x
Bit
Name
Function
Jitter Attenuator
JASEL0
JASEL1
Position
0EC1
Sets T1 mode and equalizer
(see Table 10 below for control codes).
1
0
Transmit
1EC2
1
1
Receive
2EC3
0
X
Disabled
3EC4
4
UNIENB
1 = Enable Unipolar I/O mode and allow insertion/detection of BPVs.
0 = Enable Bipolar I/O mode
5
ENCENB
1 = Enable B8ZS encoders/decoders and force Unipolar I/O mode.
0 = Disable B8ZS encoders/decoders
6
JASEL0
Select jitter attenuation circuitry position in data path or disables the
JA. See right hand section of table for codes.
Ñ
7
JASEL1
Table 10. Equalizer Control Input Settings
EC4
EC3
EC2
EC11
Function
Pulse
Cable
Gain
0
0
0
0
T1 Long Haul
0.0 dB pulse
100
Ω TP
36 dB
0
0
1
0
T1 Long Haul
-7.5 dB pulse
100
Ω TP
36 dB
0
1
0
0
T1 Long Haul
-15.0 dB pulse
100
Ω TP
36 dB
0
1
1
0
T1 Long Haul
-22.5 dB pulse
100
Ω TP
36 dB
0
0
0
1
T1 Long Haul
0.0 dB pulse
100
Ω TP
26 dB
0
0
1
1
T1 Long Haul
-7.5 dB pulse
100
Ω TP
26 dB
0
1
0
1
T1 Long Haul
-15.0 dB pulse
100
Ω TP
26 dB
0
1
1
1
T1 Long Haul
-22.5 dB pulse
100
Ω TP
26 dB
1
0
0
1
D4 Short Haul
6 V pulse
100
Ω TP
12 dB
1
0
1
1
T1 Short Haul
0-133 ft / 0.6 dB
100
Ω TP
12 dB
1
1
0
0
T1 Short Haul
133-266 ft / 1.2 dB
100
Ω TP
12 dB
1
1
0
1
T1 Short Haul
266-399 ft / 1.8 dB
100
Ω TP
12 dB
1
1
1
0
T1 Short Haul
399-533 ft / 2.4 dB
100
Ω TP
12 dB
1
1
1
1
T1 Short Haul
533-655 ft / 3.0 dB
100
Ω TP
12 dB
1. EC1 sets the receive equalizer gain (EGL) for T1 long-haul operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com