Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 25Page - Intel Corporation LXT362 Datasheet HTML 26Page - Intel Corporation LXT362 Datasheet HTML 27Page - Intel Corporation LXT362 Datasheet HTML 28Page - Intel Corporation LXT362 Datasheet HTML 29Page - Intel Corporation LXT362 Datasheet HTML 30Page - Intel Corporation LXT362 Datasheet HTML 31Page - Intel Corporation LXT362 Datasheet HTML 32Page - Intel Corporation LXT362 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications — LXT362
Datasheet
29
3.0
Register Definitions
The LXT362 contains five read/write and three read-only registers that are accessible in Host mode
via the serial I/O port. Table 7 lists the LXT362 register addresses. Only bits A6 through A1 of the
address byte are valid (the address decoder ignores bits A7 and A0) while A0 functions as the read/
write (R/W) bit. Table 8 identifies the name of each register bit. Table 9 through Table 17 describe
the function of the bits in each register.
Note that upon power-up or reset, all registers are cleared to 0.
Table 7.
Register Addresses
Register
Address1, 2
A7 - A1
Name
Abbr
Control #1
CR1
x010000
Control #2
CR2
x010001
Control #3
CR3
x010010
Interrupt Clear
ICR
x010011
Transition Status
TSR
x010100
Performance Status
PSR
x010101
Equalizer Status
ESR
x010110
Control #4
CR4
x010111
1. x = don’t care
2. Address A0 is the read/write (R/W) bit.
Table 8.
Register and Bit Summary
Register
Bit
Name
Type
7
6
5
4
32
10
Control #1
CR1
R/W
JASEL1
JASEL0
ENCENB
UNIENB
EC4
EC3
EC2
EC1
Control #2
CR2
R/W
RESET
EPAT1
EPAT0
ETAOS
ENLOOP
EALOOP
ELLOOP
ERLOOP
Control #3
CR3
R/W
JA6HZ
reserved1
SBIST
EQZMON
reserved1
ES64
ESCEN
ESJAM
Interrupt Clear
ICR
R/W
CESU
CESO
CDFMO
reserved2
CQRSS
CAIS
CNLOOP
CLOS
Transition
Status
TSR
R
ESUNF
ESOVR
TDFMO
reserved1
TQRSS
TAIS
TNLOOP
TLOS
Performance
Status
PSR
R
reserved1
BIST
DFMO
reserved1
QRSS
AIS
NLOOP
LOS
Equalizer
Status
ESR
R
LATN7
LATN6
LATN5
LATN4
reserved1
reserved1
reserved1
reserved1
Control #4
CR4
R/W
reserved1
reserved1
reserved1
reserved1
reserved1
LOS2048
reserved1
reserved1
1. In writable registers, bits labeled reserved should be set to 0 (except as in note 2 below) for normal operation and ignored in
read only registers.
2. Write a 1 to this bit for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com