Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 5 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 5 Page - Intel Corporation

  LXT362 Datasheet HTML 1Page - Intel Corporation LXT362 Datasheet HTML 2Page - Intel Corporation LXT362 Datasheet HTML 3Page - Intel Corporation LXT362 Datasheet HTML 4Page - Intel Corporation LXT362 Datasheet HTML 5Page - Intel Corporation LXT362 Datasheet HTML 6Page - Intel Corporation LXT362 Datasheet HTML 7Page - Intel Corporation LXT362 Datasheet HTML 8Page - Intel Corporation LXT362 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Datasheet
5
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications — LXT362
Tables
1
LXT362 Clock and Data Pins by Mode1 ............................................................... 9
2
LXT362 Control Pins by Mode .............................................................................. 9
3
LXT362 Signal Descriptions ................................................................................ 10
4
CLKE Pin Settings1............................................................................................. 18
5
Control and Operational Mode Selection ............................................................ 19
6
Diagnostic Mode Availability................................................................................ 20
7
Register Addresses ............................................................................................. 29
8
Register and Bit Summary ..................................................................................29
9
Control Register #1 Read/Write, Address (A7-A0) = x010000x .......................... 30
10
Equalizer Control Input Settings.......................................................................... 30
11
Control Register #2 Read/Write, Address (A7-A0) = x010001x .......................... 31
12
Control Register #3 Read/Write, Address (A7-A0) = x010010x .......................... 31
13
Interrupt Clear Register Read/Write, Address (A7-A0) = x010011x.................... 32
14
Transition Status Register Read Only, Address (A7-A0) = x010100x................. 32
15
Performance Status Register Read Only, Address (A7-A0) = x010101x ............ 33
16
Equalizer Status Register Read Only, Address (A7-A0) = x010110x ................. 33
17
Control Register #4 Read/Write, Address (A7-A0) = x010111x .......................... 33
18
Transmit Return Loss .......................................................................................... 34
19
Transformer Specifications for LXT362...............................................................34
20
Recommended Transformers for LXT362........................................................... 35
21
Absolute Maximum Ratings................................................................................. 38
22
Recommended Operating Conditions ................................................................. 38
23
Digital Characteristics.......................................................................................... 39
24
Analog Characteristics ........................................................................................ 39
25
1.544 MHz T1 Pulse Mask Corner Point Specifications...................................... 40
26
Master and Transmit Clock Timing Characteristics (See Figure 15)................... 40
27
Receive Timing Characteristics (See Figure 16)................................................. 41
28
Serial I/O Timing Characteristics (See Figure 17 and Figure 18)........................42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com