Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 28 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 28 Page - Intel Corporation

Back Button LXT362 Datasheet HTML 24Page - Intel Corporation LXT362 Datasheet HTML 25Page - Intel Corporation LXT362 Datasheet HTML 26Page - Intel Corporation LXT362 Datasheet HTML 27Page - Intel Corporation LXT362 Datasheet HTML 28Page - Intel Corporation LXT362 Datasheet HTML 29Page - Intel Corporation LXT362 Datasheet HTML 30Page - Intel Corporation LXT362 Datasheet HTML 31Page - Intel Corporation LXT362 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
LXT362 — Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
28
Datasheet
2.7.5
Other Diagnostic Reports
2.7.5.1
Receive Line Attenuation Indication
This function is only available in Host mode. The Equalizer Status Register (ESR) provides an
approximation of the line attenuation encountered by the device. The four MSBs of the register
(ESR.LATN7:4) indicate line attenuation in approximately 2.9 dB steps for the receive equalizer.
For instance, if ESR.LATN7:4 is 10 (decimal), then the receiver is seeing a signal attenuated by
approximately 29 dB (2.9 dB x 10) of cable loss.
2.7.5.2
Built-In Self Test (BIST)
The BIST function in only available in Host mode. The BIST exercises the internal circuits by
providing an internal QRSS pattern, running it through the encoders and the transmit drivers then
looping it back through the receive equalizer, jitter attenuator and decoders to the QRSS pattern
detection circuitry. The BIST is initiated by setting bit CR3.SBIST = 1. If all the blocks in this data
path operate correctly, the receive pattern detector locks onto the pattern. It then pulls INT Low and
sets the following bits:
• TSR.TQRSS = 1
• PSR.QRSS = 1
• PSR.BIST = 1
The QPD pin also indicates completion status of the test. Initiating the BIST forces QPD High.
During the test, it remains High until the test finishes successfully, at which time it goes Low.
The most reliable test will result when a separate TCLK and MCLK are applied and the Line
Build-Out (LBO) is set to -22.5 dB (CR1.EC4:1 = 011x).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com