Electronic Components Datasheet Search
  English  ▼

X  

LXT362 Datasheet(PDF) 1 Page - Intel Corporation

Part # LXT362
Description  Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT362 Datasheet(HTML) 1 Page - Intel Corporation

  LXT362 Datasheet HTML 1Page - Intel Corporation LXT362 Datasheet HTML 2Page - Intel Corporation LXT362 Datasheet HTML 3Page - Intel Corporation LXT362 Datasheet HTML 4Page - Intel Corporation LXT362 Datasheet HTML 5Page - Intel Corporation LXT362 Datasheet HTML 6Page - Intel Corporation LXT362 Datasheet HTML 7Page - Intel Corporation LXT362 Datasheet HTML 8Page - Intel Corporation LXT362 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LXT362
Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications
Datasheet
The LXT362 is a fully integrated, combination transceiver for T1 ISDN Primary Rate Interface
and general T1 long and short haul applications. It operates over 22 AWG twisted-pair cables
from 0 to 6 kft and offers Line Build Outs and pulse equalization settings for all T1 Line
Interface Unit (LIU) applications.
LXT362 provides both a serial port for microprocessor control (Host mode) as well as stand-
alone operation (Hardware mode). The device incorporates advanced crystal-less digital jitter
attenuation in either the transmit or receive data path starting at 3 Hz. B8ZS encoding/decoding
and unipolar or bipolar data I/O are selectable. Loss of signal monitoring and a variety of
diagnostic loopback modes can also be selected.
Applications
Product Features
s
ISDN Primary Rate Interface (ISDN PRI)
s
CSU/NTU interface to T1 Service
s
Wireless Base Station interface
s
T1 LAN/WAN bridge/routers
s
T1 Mux; Channel Banks
s
Digital Loop Carrier - Subscriber Carrier
Systems
s
Fully integrated transceiver for Long or
Short-Haul T1 interfaces
— Crystal-less digital jitter attenuation
— Select either transmit or receive path
s
No crystal or high speed external clock
required
s
Meets or exceeds specifications in ANSI
T1.102, T1.403 and T1.408; and AT&T
Pub 62411
s
Supports 100
Ω (T1 twisted-pair)
applications
s
Selectable receiver sensitivity – fully
restores the received signal after
transmission through a cable with
attenuation of either 0 to 26 dB, or 0 to
36 dB @ 772 kHz
s
Five Pulse Equalization Settings for T1
short-haul applications
s
Four Line Build-Outs for T1 long-haul
applications from 0 dB to -22.5 dB
s
Transmit/receive performance monitors
with Driver Fail Monitor Open and Loss of
Signal outputs
s
Selectable unipolar or bipolar data I/O and
B8ZS encoding/decoding
s
Line attenuation indication output in 2.9 dB
steps
s
QRSS generator/detector for testing or
monitoring
s
Local, remote, and analog loopback, plus
in-band network loopback code generation
and detection
s
Multiple register serial interface for
microprocessor control
s
Available in 28-pin PLCC, 44-pin PQFP,
and 44-pin LQFP packages
As of January 15, 2001, this document replaces the Level One document
Order Number: 249033-001
known as LXT362 — Integrated T1 LH/SH Transceiver for DS1/DSX-1 or PRI Applications.
January 2001


Similar Part No. - LXT362

ManufacturerPart #DatasheetDescription
logo
Level One
LXT360 LVL1-LXT360 Datasheet
1Mb / 48P
Integrated T1/E1 LH/SH Transceivers for DS1/DSX-1/CSU or NTU/ISDN PRI Applications
logo
Pulse A Technitrol Comp...
LXT360 PULSE-LXT360 Datasheet
1Mb / 5P
T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Level One
LXT360QE LVL1-LXT360QE Datasheet
1Mb / 48P
Integrated T1/E1 LH/SH Transceivers for DS1/DSX-1/CSU or NTU/ISDN PRI Applications
LXT361 LVL1-LXT361 Datasheet
1Mb / 48P
Integrated T1/E1 LH/SH Transceivers for DS1/DSX-1/CSU or NTU/ISDN PRI Applications
LXT361QE LVL1-LXT361QE Datasheet
1Mb / 48P
Integrated T1/E1 LH/SH Transceivers for DS1/DSX-1/CSU or NTU/ISDN PRI Applications
More results

Similar Description - LXT362

ManufacturerPart #DatasheetDescription
logo
Level One
LXT310 LVL1-LXT310 Datasheet
365Kb / 18P
T1 CSU/ISDN PRI Transceiver
LXT360 LVL1-LXT360 Datasheet
1Mb / 48P
Integrated T1/E1 LH/SH Transceivers for DS1/DSX-1/CSU or NTU/ISDN PRI Applications
logo
Exar Corporation
XRT83L30 EXAR-XRT83L30 Datasheet
429Kb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38 Datasheet
1Mb / 91P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34 Datasheet
529Kb / 82P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L30 EXAR-XRT83L30_06 Datasheet
1Mb / 78P
SINGLE-CHANNEL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L34 EXAR-XRT83L34_05 Datasheet
1Mb / 99P
QUAD T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83L38 EXAR-XRT83L38_07 Datasheet
1Mb / 87P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
XRT83VL38 EXAR-XRT83VL38 Datasheet
825Kb / 88P
OCTAL T1/E1/J1 LH/SH TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
logo
PMC-Sierra, Inc
PM4341AT1XC PMC-PM4341AT1XC Datasheet
1,005Kb / 288P
SINGLE DSX-1 TRANSCEIVER DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com