Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 5Page - Texas Instruments TPS780 Datasheet HTML 6Page - Texas Instruments TPS780 Datasheet HTML 7Page - Texas Instruments TPS780 Datasheet HTML 8Page - Texas Instruments TPS780 Datasheet HTML 9Page - Texas Instruments TPS780 Datasheet HTML 10Page - Texas Instruments TPS780 Datasheet HTML 11Page - Texas Instruments TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
2.2
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
60
50
40
30
20
10
0
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
2.2
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
280
270
260
250
240
230
220
210
200
T =+85 C
°
J
T = 40
-
°
J
C
T =+25 C
°
J
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
300
290
280
270
260
250
240
230
220
210
200
T =+125 C
°
J
T =+85 C
°
J
T = 40
-
°
J
C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
300
290
280
270
260
250
240
230
220
210
200
T
J =+125°C
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
5
4
3
2
1
0
V
min
IN
V
max
IN
2.7
3.2
3.7
4.2
4.7
5.2
5.7
V
(V)
IN
1.0
0.8
0.6
0.4
0.2
0
T
J =+85°C
T = 40
-
°
J
C
T
J =+25°C
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
SHUTDOWN CURRENT vs INPUT VOLTAGE
CURRENT LIMIT vs INPUT VOLTAGE
IOUT = 0mA, VVSET = 0.4V
VOUT = 90% VOUT (typ), VOUT = 1.22V (typ)
TPS78001
TPS78001
Figure 25.
Figure 26.
CURRENT LIMIT vs INPUT VOLTAGE
CURRENT LIMIT vs INPUT VOLTAGE
VVSET = 1.2V, VOUT = 95% VOUT (typ), VOUT = 2.2V (typ)
VVSET = 0.4V, VOUT = 95% VOUT (typ), VOUT = 3.3V (typ)
TPS780330220
TPS780330220
Figure 27.
Figure 28.
FEEDBACK PIN CURRENT vs TEMPERATURE
VSET PIN CURRENT vs INPUT VOLTAGE
IOUT = 0mA, VOUT = 1.22V
IOUT = 100µA, VVSET = 1.2V, VOUT = 2.2V
TPS78001
TPS780330220
Figure 29.
Figure 30.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com