Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 2 Page - Texas Instruments

  TPS780 Datasheet HTML 1Page - Texas Instruments TPS780 Datasheet HTML 2Page - Texas Instruments TPS780 Datasheet HTML 3Page - Texas Instruments TPS780 Datasheet HTML 4Page - Texas Instruments TPS780 Datasheet HTML 5Page - Texas Instruments TPS780 Datasheet HTML 6Page - Texas Instruments TPS780 Datasheet HTML 7Page - Texas Instruments TPS780 Datasheet HTML 8Page - Texas Instruments TPS780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
TPS780vvvxxxyyyz
VVV is the nominal output voltage for VOUT(HIGH) and corresponds to VSET pin low.
XXX is the nominal output voltage for VOUT(LOW) and corresponds to VSET pin high.
YYY is the package designator.
Z is the tape and reel quantity (R = 3000, T = 250).
Adjustable version(2)(3)
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
To order the adjustable version, use TPS78001YYYZ.
(3)
The device is either fixed voltage, dual-level VOUT, or adjustable voltage only. Device design does not permit a fixed and adjustable
output simultaneously.
VOLTAGE OPTIONS(1)
DEVICE VERSION
VOLTAGE OPTIONS
VSET pin low = VOUT(HIGH)
1.5V, 1.8V, 1.9V, 2.0V, 2.2V, 2.3V, 2.5V, 2.7V, 2.8V, 2.9V, 3.0V, 3.2V, 3.3V, 3.6V, 4.2V
Fixed version
VSET pin high = VOUT(LOW)
2.0V, 2.2V, 2.5V, 3.0V
Adjustable version
VOUT range = 1.22V to 5.25V
(1)
These voltage options are available through the use of innovative factory EPROM programming. Minimum order quantities may apply;
contact factory for details.
At TJ = –40°C to +125°C, unless otherwise noted. All voltages are with respect to GND.
PARAMETER
TPS780 Series
UNIT
Input voltage range, VIN
–0.3 to +6.0
V
Enable and VSET voltage range, VEN and VVSET
–0.3 to VIN + 0.3
(2)
V
Output voltage range, VOUT
–0.3 to VIN + 0.3V
V
Maximum output current, IOUT
Internally limited
Output short-circuit duration
Indefinite
Total continuous power dissipation, PDISS
See the Dissipation Ratings table
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
Operating junction temperature range, TJ
–40 to +125
°C
Storage temperature range, TSTG
–55 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VEN and VVSET absolute maximum rating are VIN + 0.3V or +6.0V, whichever is less.
DERATING FACTOR
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
High-K(1)
DRV
20
°C/W
65
°C/W
15.4mW/
°C
1540mW
845mW
615mW
High-K(1)
DDC
90
°C/W
200
°C/W
5.0mW/
°C
500mW
275mW
200mW
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3-inch
× 3-inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com