Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments TPS780 Datasheet HTML 17Page - Texas Instruments TPS780 Datasheet HTML 18Page - Texas Instruments TPS780 Datasheet HTML 19Page - Texas Instruments TPS780 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
www.ti.com
BOARD LAYOUT RECOMMENDATIONS TO
INPUT AND OUTPUT CAPACITOR
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
The total system power savings is outlined in Table 4,
capacitor may be necessary if large, fast rise-time
Table 5, and Table 6. In Table 4, the MSP430 power
load transients are anticipated, or if the device is not
savings are calculated for various MSP430 devices
located near the power source. If source impedance
using a TPS780 series with integrated DVS versus a
is not sufficiently low, a 0.1
µF input capacitor may be
standard ultralow IQ LDO without DVS. In Table 5, the
necessary to ensure stability.
TPS780 series quiescent power is calculated for a VIN
The TPS780 is designed to be stable with standard
of 4.2V, with the same VIN used for the ultralow IQ
ceramic capacitors with values of 1.0
µF or larger at
LDO. Quiescent power dissipation in an LDO is the
the output. X5R- and X7R-type capacitors are best
VIN voltage times the ground current, because zero
because they have minimal variation in value and
load is applied. After the dissipation power is
ESR over temperature. Maximum ESR should be less
calculated for the individual LDOs in Table 5, simple
than 1.0
Ω. With tolerance and dc bias effects, the
subtraction outputs the LDO power savings using the
minimum capacitance required to ensure stability is
TPS780 series. Table 6 calculates the total system
1
µF.
power savings using a TPS780 series LDO in place
of an ultralow IQ 1.2µA LDO in an MSP430F1121
application. There are many different versions of the
IMPROVE PSRR AND NOISE PERFORMANCE
MSP430. Actual power savings will vary depending
on the selected device.
To improve ac performance (such as PSRR, output
noise, and transient response), it is recommended
that the printed circuit board (PCB) be designed with
REQUIREMENTS
separate ground planes for VIN and VOUT, with each
ground plane connected only at the GND pin of the
Although an input capacitor is not required for
device. In addition, the ground connection for the
stability, it is good analog design practice to connect
output capacitor should connect directly to the GND
a 0.1
µF to 1.0µF low equivalent series resistance
pin of the device. High ESR capacitors may degrade
(ESR) capacitor across the input supply near the
PSRR.
regulator. This capacitor counteracts reactive input
sources and improves transient response, noise
rejection,
and
ripple
rejection.
A
higher-value
Table 4. DVS MSP430 Power Savings with the TPS780 Series on selected MSP430 Devices
LPM3 AT VCC = 3V,
LPM3 AT VCC = 3.0V
LPM3 AT VCC =
LPM3 AT VCC = 2.2V
IQ
× I
Q
2.2V, IQ
× I
Q
µW SAVINGS
DEVICE
(
µA)
(
µW)
(
µA)
(
µW)
USING ONLY DVS
MSP430F1121
1.6
4.8
0.7
1.5
3.3
MSP430F149
1.6
4.8
0.9
2.0
2.8
MSP430F2131
0.9
2.7
0.7
1.5
1.2
MSP430F249
1.0
3.0
0.9
2.0
1.0
MSP430F413
0.9
2.7
0.7
1.5
1.2
MSP430F449
1.6
4.8
1.1
2.4
2.4
Table 5. Typical Ultralow IQ LDO Quiescent Power Dissipation Versus the TPS780 Series
MSP430 SYSTEM
TYPICAL ULTRALOW IQ
TPS780 SERIES
TPS780 SERIES AT
POWER SAVINGS
TYPICAL ULTRALOW IQ LDO AT +25°C AMBIENT
TYPICAL IQ AT +25°C
+25C AMBIENT, POWER
USING THE TPS780
LDO AT +25
°C AMBIENT
POWER DISSIPATION
AMBIENT
DISSIPATION
SERIES
QUIESCENT POWER
IQ
IQ × VIN = 4.2V
TPS780 IQ
IQ × VIN = 4.2V
DISSIPATION SAVINGS
(
µA)
(
µW)
(
µA)
(
µW)
(
µW)
1.20
5.04
0.42
1.76
3.28
Table 6. Total System Power Dissipation
TOTAL SYSTEM POWER IN
LDO DISSIPATION
MSP430 DISSIPATION
SLEEP MODE 3
Typical 1.2
µA LDO, no DVS
5.04
µW
4.8
µW(1)
9.84
µW
TPS780 Series with DVS
1.76
µW
1.5
µW(1)
3.26
µW
(1)
Value taken from Table 4 and relative to the MSP430F1121.
16
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com