Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 3 Page - Texas Instruments

  TPS780 Datasheet HTML 1Page - Texas Instruments TPS780 Datasheet HTML 2Page - Texas Instruments TPS780 Datasheet HTML 3Page - Texas Instruments TPS780 Datasheet HTML 4Page - Texas Instruments TPS780 Datasheet HTML 5Page - Texas Instruments TPS780 Datasheet HTML 6Page - Texas Instruments TPS780 Datasheet HTML 7Page - Texas Instruments TPS780 Datasheet HTML 8Page - Texas Instruments TPS780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(NOM) + 0.5V or 2.2V, whichever is greater; IOUT =
100
µA, V
VSET = VEN = VIN, COUT = 1.0µF, fixed or adjustable, unless otherwise noted. Typical values at TJ = +25°C.
TPS780 Series
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.2
5.5
V
Nominal
TJ = +25°C, VSET = high/low
–2
±1
+2
%
VOUT
(1)
DC output accuracy
Over VIN, IOUT, VOUT + 0.5V ≤ VIN ≤ 5.5V,
–3.0
±2.0
+3.0
%
temperature
0mA
≤ IOUT ≤ 150mA, VSET = high/low
Internal reference(2)
VFB
TJ = +25°C, VIN = 4.0V, IOUT = 75mA
1.216
V
(adjustable version only)
Output voltage range(3)(4)
VOUT_RANGE
VIN = 5.5V, IOUT = 100µA
(2)
VFB
5.25
V
(adjustable version only)
ΔVOUT/ΔVIN
Line regulation
VOUT(NOM) + 0.5V ≤ VIN ≤ 5.5V, IOUT = 5mA
–1
+1
%
ΔVOUT/ΔIOUT Load regulation
0mA
≤ IOUT ≤ 150mA
–2
+2
%
VDO
Dropout voltage(5)
VIN = 95% VOUT(NOM), IOUT = 150mA
250
mV
BW = 100Hz to 100kHz, VIN = 2.2V,
VN
Output noise voltage
86
µV
RMS
VOUT = 1.2V, IOUT = 1mA
VSET high (output VOUT(LOW)
VHI
1.2
VIN
V
selected), or EN high (enabled)
VSET low (output VOUT(HIGH)
VLO
0
0.4
V
selected), or EN low (disabled)
ICL
Output current limit
VOUT = 0.90 × VOUT(NOM)
150
230
400
mA
IOUT = 0mA
(6)
420
800
nA
IGND
Ground pin current
IOUT = 150mA
5
µA
VEN ≤ 0.4V, 2.2V ≤ VIN < 5.5V,
ISHDN
Shutdown current (IGND)
18
130
nA
TJ = –40°C to +100°C
IVSET
VSET pin current
VEN = VVSET = 5.5V
70
nA
IEN
EN pin current
VEN = VVSET = 5.5V
40
nA
FB pin current(7)
IFB
VIN = 5.5V, VOUT = 1.2V, IOUT = 100µA
10
nA
(adjustable version only)
f = 10Hz
40
dB
VIN = 4.3V,
PSRR
Power-supply rejection ratio
VOUT = 3.3V,
f = 100Hz
20
dB
IOUT = 150mA
f = 1kHz
15
dB
VOUT transition time (high-to-low)
VOUT_LOW = 2.2V, VOUT(HIGH) = 3.3V,
tTR(H→L)
800
µs
VOUT = 97% × VOUT(HIGH)
IOUT = 10mA
VOUT transition time (low-to-high)
VOUT_HIGH = 3.3V, VOUT(LOW) = 2.2V,
tTR(L→H)
800
µs
VOUT = 97% × VOUT(LOW)
IOUT = 10mA
COUT = 1.0µF, VOUT = 10% VOUT(NOM) to
tSTR
Startup time(8)
500
µs
VOUT = 90% VOUT(NOM)
IOUT = 150mA, COUT = 1.0µF, VOUT = 2.8V,
tSHDN
Shutdown time(9)
VOUT = 90% VOUT(NOM) to VOUT = 10%
500(10)
µs
VOUT(NOM)
Shutdown, temperature increasing
+160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
+140
°C
TJ
Operating junction temperature
–40
+125
°C
(1)
The output voltage for VSET = low/high is programmed at the factory.
(2)
Adjustable version only.
(3)
No VSET pin on the adjustable version.
(4)
No dynamic voltage scaling on the adjustable version.
(5)
VDO is not measured for devices with VOUT(NOM) < 2.3V because minimum VIN = 2.2V.
(6)
IGND = 800nA (max) up to +100°C.
(7)
The TPS78001 FB pin is tied to VOUT. Adjustable version only.
(8)
Time from VEN = 1.2V to VOUT = 90% (VOUT(NOM)).
(9)
Time from VEN = 0.4V to VOUT = 10% (VOUT(NOM)).
(10) See Shutdown in the Application Information section for more details.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com