Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 8Page - Texas Instruments TPS780 Datasheet HTML 9Page - Texas Instruments TPS780 Datasheet HTML 10Page - Texas Instruments TPS780 Datasheet HTML 11Page - Texas Instruments TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
www.ti.com
Time(20ms/div)
V
=5.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
LoadCurrent
Enable
0V
Time(1ms/div)
LoadCurrent
V
=0.0Vto5.5V
IN
V
=2.2V
OUT
I
=100mA
OUT
C
=10 F
m
OUT
V
SET
V
IN
V
OUT
0A
0V
1V/div
Time(200 s/div)
m
V
=4.0Vto4.5V
IN
V
=2.2V
OUT
I
=150mA
OUT
SlewRate=1V/ s
m
V
IN
V
OUT
1V/div
Time(200 s/div)
m
V
=4.0Vto4.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
SlewRate=1V/ s
m
V
IN
V
OUT
Time(5ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=0mAto10mA
OUT
C
=10 F
m
OUT
V
OUT
Enable
V
IN
0A
Time(2ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=0mAto60mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
Enable
0A
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
OUTPUT VOLTAGE vs ENABLE (SLOW RAMP)
INPUT VOLTAGE vs DELAY TO OUTPUT
TPS780330220
TPS780330220
Figure 43.
Figure 44.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
TPS780330220
TPS780330220
Figure 45.
Figure 46.
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
TPS780330220
TPS780330220
Figure 47.
Figure 48.
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com