Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 9Page - Texas Instruments TPS780 Datasheet HTML 10Page - Texas Instruments TPS780 Datasheet HTML 11Page - Texas Instruments TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments TPS780 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
Time(1ms/div)
LoadCurrent
V
=5.50V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
OUT =10mF
V
IN
V
OUT
Enable
0V
Time(1ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
Enable
0V
1V/div
Time(500ms/div)
V
IN =5.0V
Enable=V
IN
I
OUT =150mA
V
Transitioningfrom2.2Vto3.3V
OUT
V
OUT
V
SET
1V/div
Time(500 s/div)
m
V
=5.0V
IN
I
=150mA
OUT
V
Transitioningfrom3.3Vto2.2V
OUT
V
OUT
V
SET
Time(50ms/div)
V
SET
V
=5.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
to100mA
C
=10 F
m
OUT
V
IN
V
OUT
LoadCurrent
0A
50mA
100mA
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
ENABLE PIN vs OUTPUT VOLTAGE RESPONSE
AND OUTPUT CURRENT
ENABLE PIN vs OUTPUT VOLTAGE DELAY
TPS780330220
TPS780330220
Figure 49.
Figure 50.
VSET PIN TOGGLE
VSET PIN TOGGLE
TPS780330220
TPS780330220
Figure 51.
Figure 52.
VSET PIN TOGGLE (SLOW RAMP)
TPS780330220
Figure 53.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com