Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 7Page - Texas Instruments TPS780 Datasheet HTML 8Page - Texas Instruments TPS780 Datasheet HTML 9Page - Texas Instruments TPS780 Datasheet HTML 10Page - Texas Instruments TPS780 Datasheet HTML 11Page - Texas Instruments TPS780 Datasheet HTML 12Page - Texas Instruments TPS780 Datasheet HTML 13Page - Texas Instruments TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
1
0
-1
-2
150mA
0.1mA
5mA
-40 -25 -10
125
110
95
80
65
50
35
20
5
Temperature( C)
°
3
2
1
0
-1
-2
-3
150mA
0.1mA
5mA
10
100
1k
10k
100k
Frequency(Hz)
100
10
1
0.1
0.01
0.001
150mA
109 V
m
RMS
50mA
109 V
m
RMS
1mA
108 V
m
RMS
Time(20ms/div)
LoadCurrent
Enable
V
OUT
V
IN
V
=0.0Vto
IN
5.0V
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
0V
10
10M
100
1k
10k
100k
1M
Frequency(Hz)
80
70
60
50
40
30
20
10
0
150mA
50mA
1mA
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
%
ΔVOUT vs TEMPERATURE
%
ΔVOUT vs TEMPERATURE
IOUT = 1mA, VIN = 3.8V, VOUT = 3.3V
VVSET = 1.2V, VIN = 2.7V, VOUT = 2.2V (typ)
TPS78001
TPS780330220
Figure 37.
Figure 38.
%
ΔVOUT vs TEMPERATURE
OUTPUT SPECTRAL NOISE DENSITY vs FREQUENCY
VVSET = 0.4V, VIN = 3.8V, VOUT = 3.3V (typ)
CIN = 1µF, COUT = 2.2µF, VVSET = 1.2V, VIN = 2.7V
TPS780330220
TPS780330220
Figure 39.
Figure 40.
RIPPLE REJECTION vs FREQUENCY
VIN = 2.7V, VOUT = 1.2V, COUT = 2.2µF
INPUT VOLTAGE RAMP vs OUTPUT VOLTAGE
TPS78001
TPS780330220
Figure 41.
Figure 42.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com