Electronic Components Datasheet Search
  English  ▼

X  

TPS780 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS780
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS780 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS780 Datasheet HTML 14Page - Texas Instruments TPS780 Datasheet HTML 15Page - Texas Instruments TPS780 Datasheet HTML 16Page - Texas Instruments TPS780 Datasheet HTML 17Page - Texas Instruments TPS780 Datasheet HTML 18Page - Texas Instruments TPS780 Datasheet HTML 19Page - Texas Instruments TPS780 Datasheet HTML 20Page - Texas Instruments TPS780 Datasheet HTML 21Page - Texas Instruments TPS780 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
www.ti.com
THERMAL INFORMATION
THERMAL PROTECTION
POWER DISSIPATION
P =(V
V
)
I
-
´
D
IN
OUT
OUT
(4)
PACKAGE MOUNTING
TPS780 Series
SBVS083B – JANUARY 2007 – REVISED MARCH 2008
Thermal protection disables the output when the
The ability to remove heat from the die is different for
junction temperature rises to approximately +160
°C,
each
package
type,
presenting
different
allowing the device to cool. Once the junction
considerations in the PCB layout. The PCB area
temperature cools to approximately +140
°C, the
around the device that is free of other components
output circuitry is enabled. Depending on power
moves the heat from the device to the ambient air.
dissipation,
thermal
resistance,
and
ambient
Performance data for JEDEC low- and high-K boards
temperature, the thermal protection circuit may cycle
are given in the Dissipation Ratings table. Using
on and off again. This cycling limits the dissipation of
heavier
copper
increases
the
effectiveness
in
the regulator, protecting it from damage as a result of
removing heat from the device. The addition of plated
overheating.
through-holes
to
heat-dissipating
layers
also
improves
the
heatsink
effectiveness.
Power
Any tendency to activate the thermal protection circuit
dissipation depends on input voltage and load
indicates
excessive
power
dissipation
or
an
conditions. Power dissipation (PD) is equal to the
inadequate heatsink. For reliable operation, junction
product of the output current times the voltage drop
temperature should be limited to +125
°C maximum.
across the output pass element (VIN to VOUT), as
To estimate the margin of safety in a complete design
shown in Equation 4:
(including
heatsink),
increase
the
ambient
temperature until the thermal protection is triggered;
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
+35
°C above the maximum expected ambient
Solder
pad
footprint
recommendations
for
the
condition
of
your
particular
application.
This
TPS780
series
are
available
from
the
Texas
configuration
produces
a
worst-case
junction
Instruments web site at www.ti.com through the
temperature of +125
°C at the highest expected
TPS780 series product folders.
ambient temperature and worst-case load.
The internal protection circuitry of the TPS780 series
has been designed to protect against overload
conditions. However, it is not intended to replace
proper heatsinking. Continuously running the TPS780
series
into
thermal
shutdown
degrades
device
reliability.
18
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com