Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 179 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 179 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 175Page - Texas Instruments DAC39RF10 Datasheet HTML 176Page - Texas Instruments DAC39RF10 Datasheet HTML 177Page - Texas Instruments DAC39RF10 Datasheet HTML 178Page - Texas Instruments DAC39RF10 Datasheet HTML 179Page - Texas Instruments DAC39RF10 Datasheet HTML 180Page - Texas Instruments DAC39RF10 Datasheet HTML 181Page - Texas Instruments DAC39RF10 Datasheet HTML 182Page - Texas Instruments DAC39RF10 Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 232 page
background image
Table 8-78. FREQ[0] Register Field Descriptions
Bit
Field
Type
Reset
Description
63-0
FREQ[0]
R/W
0000
0000
0000
0000h
The NCO frequency (FNCO) is:
FNCO = FREQ[0] * 2-64 * FCLK
where FCLK is the sample frequency of the DAC. FREQ[0] is the
integer value of this register. This register can be interpreted as
signed or unsigned (both interpretations are valid).
Use this equation to determine the value to program:
FREQ[0] = 264 * FNCO /FCLK
Note: Changes to this register do not take effect until the next sync
event specified by NCO_SYNC_SRC.
Note: This register should only be changed when DP_EN=0 or
updates to the NCOs are scheduled to occur away from the change.
(See NCO_SYNC.)
Note: This register has no effect when FR_EN=1.
8.73 FREQ[1] Register (Offset = 0328h) [reset = 0000000000000000h]
FREQ[1] is described in Table 8-79.
Return to the Register Summary Table.
FREQ for NCO1 Accumulator.
Table 8-79. FREQ[1] Register Field Descriptions
Bit
Field
Type
Reset
Description
63-0
FREQ[1]
R/W
0000
0000
0000
0000h
The NCO frequency (FNCO) is:
FNCO = FREQ[1] * 2-64 * FCLK
where FCLK is the sample frequency of the DAC. FREQ[1] is the
integer value of this register. This register can be interpreted as
signed or unsigned (both interpretations are valid).
Use this equation to determine the value to program:
FREQ[1] = 264 * FNCO /FCLK
Note: Changes to this register do not take effect until the next sync
event specified by NCO_SYNC_SRC.
Note: This register should only be changed when DP_EN=0 or
updates to the NCOs are scheduled to occur away from the change.
(See NCO_SYNC.)
Note: This register has no effect when FR_EN=1.
8.74 FREQ[2] Register (Offset = 0330h) [reset = 0000000000000000h]
FREQ[2] is described in Table 8-80.
Return to the Register Summary Table.
FREQ for NCO2 Accumulator.
www.ti.com
DAC39RF10-SP, DAC39RF10-SEP
DAC39RFS10-SP, DAC39RFS10-SEP
SBAS932A – MARCH 2024 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
179
Product Folder Links: DAC39RF10-SP DAC39RF10-SEP DAC39RFS10-SP DAC39RFS10-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com