Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 194 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 194 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 190Page - Texas Instruments DRA752ABC Datasheet HTML 191Page - Texas Instruments DRA752ABC Datasheet HTML 192Page - Texas Instruments DRA752ABC Datasheet HTML 193Page - Texas Instruments DRA752ABC Datasheet HTML 194Page - Texas Instruments DRA752ABC Datasheet HTML 195Page - Texas Instruments DRA752ABC Datasheet HTML 196Page - Texas Instruments DRA752ABC Datasheet HTML 197Page - Texas Instruments DRA752ABC Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 443 page
background image
vssa_osc1
Device
xo_osc1
xi_osc1
NC
SPRS85v_CLK_10
194
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 6-6. Oscillator Switching Characteristics—Crystal Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Oscillation frequency
Range from 19.2 to 32
MHz
tsX
Start-up time
4
ms
6.1.3.2
OSC1 Input Clock
A 1.8-V LVCMOS-Compatible Clock Input can be used instead of the internal oscillator to provide the
SYS_CLK2 clock input to the system. The external connections to support this are shown in, Figure 6-8.
The xi_osc1 pin is connected to the 1.8-V LVCMOS-Compatible clock sources. The xo_osc1 pin is left
unconnected. The vssa_osc1 pin is connected to board ground (vss).
Figure 6-8. 1.8-V LVCMOS-Compatible Clock Input
Table 6-7 summarizes the OSC1 input clock electrical characteristics.
Table 6-7. OSC1 Input Clock Electrical Characteristics—Bypass Mode
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency
Range from 12 to 38.4
MHz
CI
Input capacitance
2.819
3.019
3.219
pF
II
Input current (3.3V mode)
4
6
10
µA
tsX
Start-up time(1)
See(2)
ms
(1) To switch from bypass mode to crystal or from crystal mode to bypass mode, there is a waiting time about 100 μs; however, if the chip
comes from bypass mode to crystal mode the crystal will start-up after time mentioned in Table 6-6, tsX parameter.
(2) Before the processor boots up and the oscillator is set to bypass mode, there is a waiting time when the internal oscillator is in
application mode and receives a wave. The switching time in this case is about 100 μs.
Table 6-8 details the OSC1 input clock timing requirements.
Table 6-8. OSC1 Input Clock Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
CK0
1 /
tc(xiosc1)
Frequency, xi_osc1
Range from 12 to 38.4
MHz
CK1
tw(xiosc1)
Pulse duration, xi_osc1 low or high
0.45 *
tc(xiosc1)
0.55 *
tc(xiosc1)
ns
tj(xiosc1)
Period jitter(1), xi_osc1
0.01 ×
tc(xiosc1)
(3)
ns
tR(xiosc1)
Rise time, xi_osc1
5
ns
tF(xiosc1)
Fall time, xi_osc1
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com