Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 190 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 190 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 186Page - Texas Instruments DRA752ABC Datasheet HTML 187Page - Texas Instruments DRA752ABC Datasheet HTML 188Page - Texas Instruments DRA752ABC Datasheet HTML 189Page - Texas Instruments DRA752ABC Datasheet HTML 190Page - Texas Instruments DRA752ABC Datasheet HTML 191Page - Texas Instruments DRA752ABC Datasheet HTML 192Page - Texas Instruments DRA752ABC Datasheet HTML 193Page - Texas Instruments DRA752ABC Datasheet HTML 194Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 443 page
background image
CL=
C C
f1
2
f
(C +C )
2
f1
f
vssa_osc0
Device
xo_osc0
xi_osc0
C
f1
Crystal
Rd
C
f2
(Optional)
190
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
6.1.2
System Oscillator OSC0 Input Clock
SYS_CLK1 is received directly from oscillator OSC0. For more information about SYS_CLK1 see Device
TRM, Chapter: Power, Reset, and Clock Management.
6.1.2.1
OSC0 External Crystal
An external crystal is connected to the device pins. Figure 6-2 describes the crystal implementation.
Figure 6-2. Crystal Implementation
NOTE
The load capacitors, Cf1 and Cf2 in Figure 6-2, should be chosen such that the below
equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All
discrete components used to implement the oscillator circuit should be placed as close as
possible to the associated oscillator xi_osc0, xo_osc0, and vssa_osc0 pins.
Figure 6-3. Load Capacitance Equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 6-1 summarizes
the required electrical constraints.
Table 6-1. OSC0 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
19.2, 20, 27
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2) Crystal ESR
100
Ω
CO
Crystal shunt capacitance
ESR = 30 Ω
ESR = 40 Ω
19.2 MHz, 20 MHz, 27 MHz
7
pF
ESR = 50 Ω
19.2 MHz, 20 MHz
7
pF
27 MHz
5
pF
ESR = 60 Ω
19.2 MHz, 20 MHz
7
pF
27 MHz
Not Supported
-
ESR = 80 Ω
19.2 MHz, 20 MHz
5
pF
27 MHz
Not Supported
-
ESR = 100 Ω
19.2 MHz, 20 MHz
3
pF
27 MHz
Not Supported
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com