Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 189 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 189 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 185Page - Texas Instruments DRA752ABC Datasheet HTML 186Page - Texas Instruments DRA752ABC Datasheet HTML 187Page - Texas Instruments DRA752ABC Datasheet HTML 188Page - Texas Instruments DRA752ABC Datasheet HTML 189Page - Texas Instruments DRA752ABC Datasheet HTML 190Page - Texas Instruments DRA752ABC Datasheet HTML 191Page - Texas Instruments DRA752ABC Datasheet HTML 192Page - Texas Instruments DRA752ABC Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 443 page
background image
DEVICE
clkout1
To quartz (from oscillator output).
resetn
rstoutn
External Reference Clock [3:0].
For Audio and other Peripherals
xref_clk1
sysboot[15:0]
From quartz (32 kHz) or from CMOS square clock source (32 kHz).
From quartz (19.2, 20 or 27 MHz)
or from CMOS square clock source (19.2, 20 or 27MHz).
Boot Mode Configuration
xi_osc1
Warm reset output.
Device reset input.
porz
Power ON Reset.
xi_osc0
xo_osc0
xo_osc1
From quartz (range from
MHz)
or from CMOS square clock source(range from
MHz).
19.2 to 32
12 to 38.4
To quartz (from oscillator output).
clkout2
clkout3
xref_clk0
xref_clk2
xref_clk3
Output clkout[3:1] clocks come from:
• Either the input system clock and alternate clock (xi_osc0 or xi_osc1)
• Or a CORE clock (from CORE output)
• Or a 192-MHz clock (from PER DPLL output).
rtc_osc_xi_clkin32
To quartz (from oscillator output).
rtc_osc_xo
189
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 6-1. Clock Interface
6.1
Input Clock Specifications
6.1.1
Input Clock Requirements
•
The source of the internal system clock (SYS_CLK1) could be either:
–
A CMOS clock that enters on the xi_osc0 ball (with xo_osc0 left unconnected on the CMOS clock
case).
–
A crystal oscillator clock managed by xi_osc0 and xo_osc0.
•
The source of the internal system clock (SYS_CLK2) could be either:
–
A CMOS clock that enters on the xi_osc1 ball (with xo_osc1 left unconnected on the CMOS clock
case).
–
A crystal oscillator clock managed by xi_osc1 and xo_osc1.
•
The source of the internal system clock (FUNC_32K_CLK) could be either:
–
A CMOS clock that enters on the rtc_osc_xi_clkin32 ball and supports external LVCMOS clock
generators
–
A crystal oscillator clock managed by rtc_osc_xi_clkin32 and rtc_osc_xo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com