Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 193 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 193 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 189Page - Texas Instruments DRA752ABC Datasheet HTML 190Page - Texas Instruments DRA752ABC Datasheet HTML 191Page - Texas Instruments DRA752ABC Datasheet HTML 192Page - Texas Instruments DRA752ABC Datasheet HTML 193Page - Texas Instruments DRA752ABC Datasheet HTML 194Page - Texas Instruments DRA752ABC Datasheet HTML 195Page - Texas Instruments DRA752ABC Datasheet HTML 196Page - Texas Instruments DRA752ABC Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 443 page
background image
CL=
C C
f1
2
f
(C +C )
2
f1
f
193
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
NOTE
The load capacitors, Cf1 and Cf2 in Figure 6-6, should be chosen such that the below
equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All
discrete components used to implement the oscillator circuit should be placed as close as
possible to the associated oscillator xi_osc1, xo_osc1, and vssa_osc1 pins.
Figure 6-7. Load Capacitance Equation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 6-5 summarizes
the required electrical constraints.
Table 6-5. OSC1 Crystal Electrical Characteristics
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
fp
Parallel resonance crystal frequency
Range from 19.2 to 32
MHz
Cf1
Cf1 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
Cf2
Cf2 load capacitance for crystal parallel resonance with Cf1 = Cf2
12
24
pF
ESR(Cf1,Cf2)
Crystal ESR
100
Ω
CO
Crystal shunt capacitance
ESR = 30 Ω
19.2 MHz
≤fp≤32 MHz
7
pF
ESR = 40 Ω
19.2 MHz
≤fp≤32 MHz
5
pF
ESR = 50 Ω
19.2 MHz
≤fp≤25 MHz
7
pF
25 MHz<fp≤27 MHz
5
pF
27 MHz<fp≤32 MHz
Not Supported
-
ESR = 60 Ω
19.2 MHz
≤fp≤23 MHz
7
pF
23 MHz<fp≤25 MHz
5
pF
25 MHz<fp≤32 MHz
Not Supported
-
ESR = 80 Ω
19.2 MHz
≤fp≤23 MHz
5
pF
23 MHz
≤fp≤25 MHz
3
pF
25 MHz<fp≤32 MHz
Not Supported
-
ESR = 100 Ω
19.2 MHz
≤fp≤20 MHz
3
pF
20 MHz<fp≤32 MHz
Not Supported
-
LM
Crystal motional inductance for fp = 20 MHz
10.16
mH
CM
Crystal motional capacitance
3.42
fF
tj(xiosc1)
Frequency accuracy(1), xi_osc1
Ethernet and MLB not
used
±200
ppm
Ethernet RGMII and
RMII using derived
clock
±50
Ethernet MII using
derived clock
±100
MLB using derived
clock
±50
(1) Crystal characteristics should account for tolerance+stability+aging.
When selecting a crystal, the system design must take into account the temperature and aging
characteristics of a crystal versus the user environment and expected lifetime of the system.
Table 6-6 details the switching characteristics of the oscillator and the requirements of the input clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com