Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 195 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 195 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 191Page - Texas Instruments DRA752ABC Datasheet HTML 192Page - Texas Instruments DRA752ABC Datasheet HTML 193Page - Texas Instruments DRA752ABC Datasheet HTML 194Page - Texas Instruments DRA752ABC Datasheet HTML 195Page - Texas Instruments DRA752ABC Datasheet HTML 196Page - Texas Instruments DRA752ABC Datasheet HTML 197Page - Texas Instruments DRA752ABC Datasheet HTML 198Page - Texas Instruments DRA752ABC Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 443 page
background image
Device
rtc_osc_xo
rtc_osc_xi_clkin32
C
f1
Crystal
Rd
C
f2
(Optional)
xi_osc1
CK0
CK1
CK1
195
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Clock Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 6-8. OSC1 Input Clock Timing Requirements (continued)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
tj(xiosc1)
Frequency accuracy(2), xi_osc1
Ethernet and MLB not used
±200
ppm
Ethernet RGMII and RMII
using derived clock
±50
Ethernet MII using derived
clock
±100
MLB using derived clock
±50
(1) Period jitter is meant here as follows:
–
The maximum value is the difference between the longest measured clock period and the expected clock period
–
The minimum value is the difference between the shortest measured clock period and the expected clock period
(2) Crystal characteristics should account for tolerance+stability+aging.
(3) The Period jitter requirement for osc1 can be relaxed to 0.02*tc(xiosc1) under the following constraints:
a.The osc1/SYS_CLK2 clock bypasses all device PLLs
b.The osc1/SYS_CLK2 clock is only used to source the DSS pixel clock outputs
Figure 6-9. xi_osc1 Input Clock
6.1.4
RTC Oscillator Input Clock
FUNC_32K_CLK is received directly from RTC Oscillator. For more information about FUNC_32K_CLK
see Device TRM, Chapter: Power, Reset, and Clock Management.
6.1.4.1
RTC Oscillator External Crystal
An external crystal is connected to the device pins. Figure 6-2 describes the crystal implementation.
Figure 6-10. Crystal Implementation
NOTE
The load capacitors, Cf1 and Cf2 in Figure 6-10, should be chosen such that the below
equation is satisfied. CL in the equation is the load specified by the crystal manufacturer. All
discrete components used to implement the oscillator circuit should be placed as close as
possible to the associated oscillator rtc_osc_xi_clkin32 and rtc_osc_xo pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com