Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 185 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 185 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 181Page - Texas Instruments DRA752ABC Datasheet HTML 182Page - Texas Instruments DRA752ABC Datasheet HTML 183Page - Texas Instruments DRA752ABC Datasheet HTML 184Page - Texas Instruments DRA752ABC Datasheet HTML 185Page - Texas Instruments DRA752ABC Datasheet HTML 186Page - Texas Instruments DRA752ABC Datasheet HTML 187Page - Texas Instruments DRA752ABC Datasheet HTML 188Page - Texas Instruments DRA752ABC Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 443 page
background image
vdds18v
vdds_ddr1, vdds_ddr2
SPRS85v_ELCH_04
V1
V2
T1
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv6, vddshv7,
vddshv9, vddshv10, vddshv11,
vddshv8
(Note 2)
vdds18v
Vdelta
(Note1)
SPRS85v_ELCH_06
185
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(2) Blue dashed lines are not valid windows but show alternate ramp possibilities based on the associated note.
(3) vdd must ramp down after or at the same time as vdd_mpu, vdd_gpu, vdd_dspeve and vdd_iva.
(4) vdd_mpu, vdd_gpu, vdd_dspeve, vdd_iva can be ramped at the same time or can be staggered.
(5) vdd must ramp up before or at the same time as vdd_mpu, vdd_gpu, vdd_dspeve and vdd_iva.
(6) If any of the vddshv[1-7,9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can be combined with vdds18v.
(7) vddshv8 is separated out to show support for dual voltage. If single voltage is used then vddshv8 can be combined with other vddshvn
rails but vddshv8 must ramp down before vdd and must ramp up after vdd.
(8) If any of the vddshv[1-7,9-11] rails (not including vddshv8) are used as 1.8V only, then these rails can be combined with vdds18v.
vddshv[1-7,9-11] is allowed to ramp down at either of the two points shown in the timing diagram in either 1.8V mode or in 3.3V mode. If
vddshv[1-7,9-11] ramps down at the later time in the diagram then the board design must ensure that the vddshvn rail is never higher
than 2.0 V above the vdds18v rail.
(9) vddshv8 is separated out to show support for dual voltage. If a dedicated LDO/supply source is used for vddshv8, then vddshv8 ramp
down should occur at one of the two earliest points in the timing diagram. If vddshv8 is powered by the same supply source as the other
vddshvn rails, then it is allowed to ramp down at either of the last two points in the timing diagram.
Figure 5-5 describes vddshv[1-7,9-11] Supplies Falling Before vdds18v Supplies Delta.
Figure 5-5. vdds18v versus vddshv[1-7, 9-11] Discharge Relationship
(1) Vdelta MAX = 2V
(2) If vddshv8 is powered by the same supply source as the other vddshv[1-7,9-11] rails.
If vdds18v and vdds_ddr* are disabled at the same time due to a loss of input power event or if vdds_ddr*
discharges more slowly than vdds18v, analysis has shown no reliability impacts when the elapsed time
period beginning with vdds18v dropping below 1.0 V and ending with vdds_ddr* dropping below 0.6 V is
less than 10 ms (Figure 5-6).
Figure 5-6. vdds18v and vdds_ddr* Discharge Relationship(1)
(1) V1 > 1.0 V; V2 < 0.6V; T1 < 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com