Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 203 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 203 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 199Page - Texas Instruments DRA752ABC Datasheet HTML 200Page - Texas Instruments DRA752ABC Datasheet HTML 201Page - Texas Instruments DRA752ABC Datasheet HTML 202Page - Texas Instruments DRA752ABC Datasheet HTML 203Page - Texas Instruments DRA752ABC Datasheet HTML 204Page - Texas Instruments DRA752ABC Datasheet HTML 205Page - Texas Instruments DRA752ABC Datasheet HTML 206Page - Texas Instruments DRA752ABC Datasheet HTML 207Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 443 page
background image
V
ref
pm_io_volt_prs403
Transmission Line
4.0 pF
1.85 pF
Z0 = 50
(see Note)
Ω
Tester Pin Electronics
Data Sheet Timing Reference Point
Output
Under
Test
NOTE: The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its transmission line effects must be
taken into account. A transmission line with a delay of 2 ns can be used to produce the desired transmission line effect. The transmission line is
intended as a load only. It is not necessary to add or subtract the transmission line delay (2 ns) from the data sheet timings.
Input requirements in this data sheet are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the device pin.
42 Ω
3.5 nH
Device Pin
(see Note)
pm_tstcirc_prs403
203
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Timing Requirements and Switching Characteristics
Copyright © 2015–2019, Texas Instruments Incorporated
Table 7-1. Timing Parameters (continued)
SUBSCRIPTS
SYMBOL
PARAMETER
AE
Active Edge
FE
First Edge
LE
Last Edge
Z
High impedance
7.3.1
Parameter Information
Figure 7-1. Test Load Circuit for AC Timing Measurements
The load capacitance value stated is only for characterization and measurement of AC timing signals.
This load capacitance value does not indicate the maximum load the device is capable of driving.
7.3.1.1
1.8V and 3.3V Signal Transition Levels
All input and output timing parameters are referenced to Vref for both "0" and "1" logic levels. Vref = (VDD
I/O)/2.
Figure 7-2. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks, VOL
MAX and VOH MIN for output clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com