Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 163 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 163 Page - ABB

Back Button OPS2EN1 Datasheet HTML 159Page - ABB OPS2EN1 Datasheet HTML 160Page - ABB OPS2EN1 Datasheet HTML 161Page - ABB OPS2EN1 Datasheet HTML 162Page - ABB OPS2EN1 Datasheet HTML 163Page - ABB OPS2EN1 Datasheet HTML 164Page - ABB OPS2EN1 Datasheet HTML 165Page - ABB OPS2EN1 Datasheet HTML 166Page - ABB OPS2EN1 Datasheet HTML 167Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 192 page
background image
—
Motorized switch-disconnectors, IEC
Ordering information
—
Motorized switch-disconnectors OTM with wide phase distance, IEC
Including a handle for manual operation, bolt kit with nut and washers for all terminals,
male connectors for control circuit and a handle and spare fuse storage clip.
Type codes for motor voltage Ue = 110...240 V AC/DC, see table below.
Rated current
Number of
poles
Type
Order code
Weight/
unit
AC-22A ≤ 690 V
A
kg
160/160
3
OTM160E3WM230C
1SCA115286R1001
4.7
160/160
4
OTM160E4WM230C
1SCA115295R1001
5.1
200/200
2
OTM200E2WM230V
1SCA121187R1001
4.3
200/200
3
OTM200E3WM230C
1SCA115288R1001
4.7
200/200
4
OTM200E4WM230C
1SCA115296R1001
5.1
250/250
2
OTM250E2WM230V
1SCA121188R1001
4.3
250/250
3
OTM250E3WM230C
1SCA115289R1001
4.7
250/250
4
OTM250E4WM230C
1SCA115297R1001
5.1
4000/-
3
OTM4000E3W8M230C
1SCA129218R1001
51.5
4000/-
4
OTM4000E3W8M230C
1SCA129218R1001
51.5
2 pole versions, motor voltage Ue 220...240 V AC/DC
—
Handle and bolt kits included as standard
Suitable for switch disconnectors
Handle+shaft kit
Bolt kit
OTM160…250
OTV250EMK
M8x25
OTM160...250E4WM_
OTM160...250E3WM_
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
163
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com