Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 84 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 84 Page - ABB

Back Button OPS2EN1 Datasheet HTML 80Page - ABB OPS2EN1 Datasheet HTML 81Page - ABB OPS2EN1 Datasheet HTML 82Page - ABB OPS2EN1 Datasheet HTML 83Page - ABB OPS2EN1 Datasheet HTML 84Page - ABB OPS2EN1 Datasheet HTML 85Page - ABB OPS2EN1 Datasheet HTML 86Page - ABB OPS2EN1 Datasheet HTML 87Page - ABB OPS2EN1 Datasheet HTML 88Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 192 page
background image
—
Front operated earthing switches, bottom mounted (EM), IEC
Including terminal bolt kit, a black OFF -
plastic handle and shaft as standard.
The handle is padlockable in OFF- and
-position.
The mechanism is turned 90 degrees for space saving.
Icw= Rated short-time withstand current, Icm= Rated short-circuit making capacity
Number
of poles
Icw / 1 s
Icw / 0.25 s
Icm peak
Type
Order code
Weight/
unit
kA
kA
kA
kg
Icw / 1 s = 50 kA, Icm = 110 kA (peak)
3
50
50
110
OT1000EM03P
1SCA118937R1001
17.5
4
50
50
92
OT1000EM04P
1SCA118950R1001
20.0
3
50
50
110
OT1250EM03P
1SCA115708R1001
17.5
4
50
50
92
OT1250EM04P
1SCA118949R1001
20.0
3
50
50
110
OT1600EM03P
1SCA115815R1001
19.5
4
50
50
92
OT1600EM04P
1SCA118948R1001
22.5
Icw / 1 s = 55 kA, Icw / 0.25 s = 80 kA, Icm = 176 kA (peak)
3
55
80
176
OT2000EM03P
1SCA118939R1001
42.5
4
55
80
176
OT2000EM04P
1SCA118947R1001
49.5
3
55
80
176
OT2500EM03P
1SCA115835R1001
42.5
4
55
80
176
OT2500EM04P
1SCA118946R1001
49.5
—
Front operated earthing switches with wide phase distance, bottom mounted (EM), IEC
Including terminal bolt kit, a black OFF -
plastic handle and shaft as standard.
The handle is padlockable in OFF- and
-position. W4=140 mm, W8=185 mm.
The mechanism is turned 90 degrees for space saving.
Number
of
poles
Icw /
1 s
Icw /
0.25 s
Icm
peak
Type
Order code
Weight/
unit
kA
kA
kA
kg
Icw / 1 s = 50 kA, Icm = 110 kA (peak)
3
50
50
110
OT1250EM03W4P 1SCA115805R1001
20.5
3
50
50
110
OT1250EM03W8P 1SCA115810R1001
22.5
4
50
50
92
OT1250EM04W4P 1SCA118940R1001
24.5
4
50
50
92
OT1250EM04W8P 1SCA118941R1001
26.5
3
50
50
110
OT1600EM03W4P 1SCA115822R1001
20.5
3
50
50
110
OT1600EM03W8P 1SCA115827R1001
22.5
4
50
50
92
OT1600EM04W4P 1SCA118942R1001
24.5
4
50
50
92
OT1600EM04W8P 1SCA118944R1001
26.5
Icw / 1 s = 55 kA, Icw / 0.25 s = 80 kA, Icm = 176 kA (peak)
3
55
80
176
OT2500EM03W4P 1SCA115840R1001
45.0
3
55
80
176
OT2500EM03W8P 1SCA115843R1001
47.0
4
55
80
176
OT2500EM04W4P 1SCA118943R1001
52.0
4
55
80
176
OT2500EM04W8P 1SCA118945R1001
54.0
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information for earthing switches
OT2000...2500EM03P
OT1000...1250EM03P
84
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
84
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com