Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 70 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 70 Page - ABB

Back Button OPS2EN1 Datasheet HTML 66Page - ABB OPS2EN1 Datasheet HTML 67Page - ABB OPS2EN1 Datasheet HTML 68Page - ABB OPS2EN1 Datasheet HTML 69Page - ABB OPS2EN1 Datasheet HTML 70Page - ABB OPS2EN1 Datasheet HTML 71Page - ABB OPS2EN1 Datasheet HTML 72Page - ABB OPS2EN1 Datasheet HTML 73Page - ABB OPS2EN1 Datasheet HTML 74Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Technical data
Technical data according to IEC 60947-3
Switch type
OT1000E
OT1250E
OT1600E
OT2000E
OT2500E
OT3200E
OT4000E
Rated insulation voltage and
rated operational voltage AC20/DC20 Pollution degree 3
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
Dielectric strength
50 Hz 1 min. 10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
Rated impulse withstand voltage
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
Rated thermal current and
rated operational current AC20/DC20
Ambient 40 °C 1)
In open air
1 000 A
1 250 A
1 600 A
2 000 A
2 500 A
3 200 A
3 800 A, 4000 A 5)
Ambient 40 °C 1)
In enclosure
1 000 A
1 250 A
1 600 A
–
–
–
–
..with minimum conductor cross
section
Cu
2x300 mm² 2x400 mm² 2x500 mm² 3x500 mm² 4x500 mm² 4x1 000
mm²
5x1 000 mm²
Rated operational current, AC-21A
up to 690 V
1 000 A
1 250 A
1 600 A
2 000 A 2)
2 500 A 2)
–
–
1000 V
1 000 A
1 250 A
1 600 A
–
–
–
–
Rated operational current, AC-22A
up to 415 V
1 000 A
1 250 A
1 600 A
2 000 A 2)
2 500 A 2)
3 200 A 2)
3 800 A 2), 4000 A 2)
5)
500 - 690 V
1 000 A
1 250 A
1 600 A
2 000 A 2) 3) 2 500 A 2) 3) –
–
Rated operational current, AC-23A
up to 500 V
1 000 A
1 250 A
1 250 A
–
–
–
–
690 V
1 000 A
1 250 A
1 250 A
–
–
–
–
Rated operational power, AC-23A
(These values are given for guidance
and may vary acc. to the motor
manufacturer)
400...415 V
560 kW
710 kW
710 kW
–
–
–
–
440 V
630 kW
800 kW
800 kW
–
–
–
–
500 V
710 kW
900 kW
900 kW
–
–
–
–
690 V
1 000 kW
1 200 kW
1 200 kW
–
–
–
–
Rated breaking capacity, AC-23A
up to 500 V
10 000 A
10 000 A
10 000 A
–
–
–
–
690 V
10 000 A
10 000 A
10 000 A
–
–
–
–
Rated conditional short-circuit current
Iq (r.m.s.) and corresponding max.
allowed cut-off current Îc.
The cut-off current Îc refers to values
listed by fuse manufacturers (single
phase test acc. to IEC60269).
Iq 80kA, ≤415V
Max. OFA_fuse size
Îc
100 kA
100 kA
100 kA
–
–
–
–
gG/aM
1 250 A/
1 250 A
1 250 A/
1 250 A
1 250 A/
1 250 A
1 250 A/
1 250 A
–
–
–
Iq 100kA, 500V
Max. OFA_fuse size
Îc
106 kA
106 kA
106 kA
–
–
–
–
gG/aM
1 250 A/
1 250 A
1 250 A/
1 250 A
1 250 A/
1 250 A
1 250 A/
1 250 A
–
–
–
Rated short-time withstand current
r.m.s. -value Icw
690 V, 0.25 s 50 kA
50 kA
50 kA
80 kA
80 kA
80 kA
80 kA, 100 kA 5)
690 V, 1 s
50 kA
50 kA
50 kA
55 kA
55 kA
65 kA
80 kA
Rated short circuit making capacity
Peak value Icm
Max. distance from
switch frame to
nearest busbar/
cable support
690 V
110 kA 4)
110 kA 4)
110 kA 4)
176 kA
176 kA
176 kA
176 kA, 220 kA 5)
150 mm
150 mm
150 mm
150 mm
150 mm
150 mm
150 mm
Rated capacitor power when
no initial charge on the capacitor
The capacitor
ratings are limited
by the fuse links
415 V
460 kVAr
575 kVAr
575 kVAr
–
–
–
–
500 V
550 kVAr
690 kVAr
690 kVAr
–
–
–
–
690 V
750 kVAr
950 kVAr
950 kVAr
–
–
–
–
Power loss/pole
At rated operational
current
19 W
29 W
48 W
55 W
85 W
95 W
130 W
Mechanical endurance
Divide by two for
operation cycles
6 000 Oper. 6 000 Oper. 6 000 Oper. 6 000 Oper. 6 000 Oper. 5 000 Oper. 5 000 Oper.
Weight without accessories
3-pole
14.7 kg
14.7 kg
16.8 kg
24.9 kg
24.9 kg
31.8 kg
36.2 kg
4-pole
18.8 kg
18.8 kg
21.6 kg
32.4 kg
32.4 kg
41.5 kg
47.5 kg
Terminal bolt size
Metric thread
diameter x length
M12x50 mm M12x50 mm M12x60 mm M12x60 mm M12x60 mm M12x60 mm M12x60 mm
Terminal tightening torque
Counter torque
required
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
Operating torque
3-pole switch-
disconnector
65 Nm
65 Nm
65 Nm
65 Nm
65 Nm
65 Nm
65 Nm
1)
Acc. to IEC60947-1, § 6.1.1.
2)
IEC 947-3, utilization category B, infrequent operation.
3)
Phase barriers or terminal shrouds must be used on both sides of the switch at voltages ≥ 500 V.
4)
The value is 92 kA for 4-pole switch-disconnectors.
5)
OT4000E_W8
70
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
70
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com