Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 25 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 25 Page - ABB

Back Button OPS2EN1 Datasheet HTML 21Page - ABB OPS2EN1 Datasheet HTML 22Page - ABB OPS2EN1 Datasheet HTML 23Page - ABB OPS2EN1 Datasheet HTML 24Page - ABB OPS2EN1 Datasheet HTML 25Page - ABB OPS2EN1 Datasheet HTML 26Page - ABB OPS2EN1 Datasheet HTML 27Page - ABB OPS2EN1 Datasheet HTML 28Page - ABB OPS2EN1 Datasheet HTML 29Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 192 page
background image
OT30...100FT3
OT30...100FT4N2
OT16...40FT3
OT63...80FT3
—
Manual switch-disconnectors OT16...160, UL
Ordering information for non-fusible disconnect switches
Front operated non-fusible disconnect switches, door mounting, UL/CSA
Handle and shaft not included.
Number
of poles
Ampere
rating
Horsepower rating
3-phase
Type
Order code
Weight/
unit
240 V AC 480 V AC 600 V AC
A
HP
HP
HP
kg
lb
3
20
5
10
10
OT16FT3
1SCA104838R1001
0.13 0.29
4
20
5
10
10
OT16FT4N2
1SCA105711R1001
0.16 0.35
3
30
7.5
15
20
OT25FT3
1SCA104884R1001
0.13 0.29
4
30
7.5
15
20
OT25FT4N2
1SCA104900R1001
0.16 0.35
3
40
10
20
25
OT40FT3
1SCA104940R1001
0.13 0.29
4
40
10
20
25
OT40FT4N2
1SCA104956R1001
0.16 0.35
3
60
15
30
30
OT63FT3
1SCA105382R1001
0.28 0.62
4
60
15
30
30
OT63FT4N2
1SCA105393R1001
0.35 0.77
3
80
20
40
40
OT80FT3
1SCA105431R1001
0.28 0.62
4
80
20
40
40
OT80FT4N2
1SCA105499R1001
0.35 0.77
3
30
20
40
40
OT30FT3
1SCA105074R1001
0.44 0.97
4
30
20
40
40
OT30FT4N2
1SCA109443R1001
0.56 1.23
3
60
20
40
40
OT60FT3
1SCA105081R1001
0.44 0.97
4
60
20
40
40
OT60FT4N2
1SCA109444R1001
0.56 1.23
3
100
30
50
50
OT100FT3
1SCA105023R1001
0.44 0.97
4
100
30
50
50
OT100FT4N2
1SCA105031R1001
0.56 1.23
Approvals:
- OT16,25,40,63,80: UL 508. CSA 22-2 No.14
- OT30,60,100: UL 98. CSA 22-2 No.4
- IEC 60947-3
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
25
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com