Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 14 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 14 Page - ABB

Back Button OPS2EN1 Datasheet HTML 10Page - ABB OPS2EN1 Datasheet HTML 11Page - ABB OPS2EN1 Datasheet HTML 12Page - ABB OPS2EN1 Datasheet HTML 13Page - ABB OPS2EN1 Datasheet HTML 14Page - ABB OPS2EN1 Datasheet HTML 15Page - ABB OPS2EN1 Datasheet HTML 16Page - ABB OPS2EN1 Datasheet HTML 17Page - ABB OPS2EN1 Datasheet HTML 18Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Type designation key
Pole configuration table, OT160G
Front operated
Configuration 03, 04:
Side operated
Configuration 30, 40 or 03, 04:
Understanding the type code keys below will help you quickly identify the correct
product for your needs
Symbols
Base and DIN-rail mounting, front
operated
Door mounting, front operated
Base and DIN-rail mounting, front
and side operated
Door mounting, front and side
operated
Base and DIN-rail mounting,
extended terminals on both sides of
the switch, front operated
Base and DIN-rail mounting,
extended terminals on top side only,
front operated
Base and DIN-rail mounting,
extended terminals on bottom side
only, front operated
Installation switches for 45 mm
standard opening, base and DIN -rail
mounting, front operated
Symbols
Fourth pole, simultaneous function
with the main contacts
no accessories included
Pistol handle + shaft
Direct mount handle
(for base mounting versions only)
ABB switch-disconnector brand
ABB Brand
GT
FL
G
F
FT
Included accessories
Operation/Mounting/Certification
OT
OT
16
N2
4
K
P
_
N2
F
Switch size
The second letter in the code indicates
the ampere rating [A] of the product: 16...160 A
FLA
FLB
ML
M
Number of poles and placing of the operating
mechanism
Symbols
3 poles
4 poles
6 poles
8 poles
3 poles, operating mechanism at the
left end of the switch
4 poles, operating mechanism at the
left end of the switch
3 poles, operating mechanism at the
right end of the switch
4 poles, operating mechanism at the
right end of the switch
3
03
4
6
8
30
40
04
14
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
14
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com