Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 18 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 18 Page - ABB

Back Button OPS2EN1 Datasheet HTML 14Page - ABB OPS2EN1 Datasheet HTML 15Page - ABB OPS2EN1 Datasheet HTML 16Page - ABB OPS2EN1 Datasheet HTML 17Page - ABB OPS2EN1 Datasheet HTML 18Page - ABB OPS2EN1 Datasheet HTML 19Page - ABB OPS2EN1 Datasheet HTML 20Page - ABB OPS2EN1 Datasheet HTML 21Page - ABB OPS2EN1 Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 192 page
background image
—
Manual switch-disconnectors OT160G_, IEC and UL
Technical data for non fusible disconnect switches
Technical data according to UL98, CSA C22.2 No.4
c
ULus Listed
UL Recognized
General purpose amp rating
max. operating voltage
pf=0.7…0.8
-40° to 40 °C
100 A
125 A
600 V
600 V
Max. horsepower rating/motor FLA current
pf=0.4…0.5
240 Vac
40 HP/104 A
40 HP/104 A
Three phase
480 Vac
75 HP/96 A
75 HP/96 A
600 Vac
100 HP/99 A
100 HP/99 A
Single phase
240 Vac
20 HP/88 A
20 HP/88 A
480 Vac
30 HP/66 A
30 HP/66 A
250 Vdc
20 HP/60 A
20 HP/60 A
Fuse size/short circuit rating
Fuse type
J
150 A/100 kA
150 A/100 kA
T
150 A/100 kA
150 A/100 kA
RK5
60 A/100 kA
60 A/100 kA
Endurances
Min. electrical endurance, pf. 0.75 - 0.8
6 000 Oper. cycles
6 000 Oper. cycles
Mechanical endurance
20 000 Operations
20 000 Operations
Terminal lug kits
integrated
integrated
Wire range
Use copper conductors only
60-75 °C
8-1/0 AWG
8-1/0 AWG
Torque
Wire tightening
53 lb.in
53 lb.in
Weight without accessories
3-pole switch
0.5 lb
0.5 lb
4-pole switch
0.6 lb
0.6 lb
Minimum enclosure dimensions
Height x width x depth
400 x 600 x 230 mm
–
15.75 x 23.62 x 9.06 in
–
Technical data according to IEC 60947
Rated insulation voltage
Pollution degree 3
1 000 V
Dielectric strength
50 Hz 1 min.
10 kV
Rated impulse withstand voltage
12 kV
Rated thermal current in ambient 35 °C
and temporarily 40 °C
In open air
160 A
In enclosure
160 A
...with minimum cable or bar cross section
Cu
70 mm²
Rated operational voltage AC-20 and DC-20
1 000 V
Rated operational current, AC-21A, AC-22A, AC-23A
up to 415 V
160 A
500 V
160 A
690 V
160 A
Rated operational current / poles in series for
DC-21A, DC-22A, DC23A
Up to 220 V
160 A/2
440 V
125 A/3
680 V
125 A/4
Rated operational power, AC-23
The kW-ratings are accurate
for three-phase 1500 R.P.M.
standard asynchronous motors.
230 V
45 kW
400 V
75 kW
415 V
75 kW
500 V
90 kW
690 V
132 kW
Rated breaking capacity in category AC-23
up to 500 V
1 280
690 V
1 280
Rated conditional short-circuit current Iq (r.m.s.) and
corresponding max. Allowed cut-off current Îc of fuse. The
cut-off current Îc referes to values listed by fuse
manufacturers (single phase test acc. To IEC60269)
Iq 100kA, 500V
Max. OFA_fuse size
Îc
30 kA
gG/aM
200 A/200 A
Iq 100kA, 690V
Max. fuse size
Îc
24 kA
gG/aM
-/200A
Rated short-time withstand current
R.M.S.-value Icw
690 V
0.25 s
7 kA
690 V
1 s
4 kA
Rated short-circuit making capacity
Peak value Icm
690 V
12 kA
Rated capacitor power
when no initial charge on the capacitor
Capacitor ratings
limited by fuse links
415 V
65 kVAr
Power loss / pole
With rated current
6.5 W
Mechanical endurance
Divide by two for operation cycles
20 000 Oper.
Weight without accessories
3-pole switch
1.1 kg/0.5 lb
4-pole switch
1.3 kg/0.6 lb
Standard shaft and mounting depth
Square dimension x length of shaft
6X210 mm
Corresponding mounting depth
230-248 mm/9.2-9.9 in
Standard handle
OHB65J6 Type
Cu-wire size suitable for terminal
60-75 °C
10-70 mm²/ 8-1/0 AWG
Terminal tightening torque
6 Nm/53 lb·in
Operating torque
Typical for 3 and 4-pole switches
4 Nm/35.3 lb·in
18
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
18
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com