Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 22 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 22 Page - ABB

Back Button OPS2EN1 Datasheet HTML 18Page - ABB OPS2EN1 Datasheet HTML 19Page - ABB OPS2EN1 Datasheet HTML 20Page - ABB OPS2EN1 Datasheet HTML 21Page - ABB OPS2EN1 Datasheet HTML 22Page - ABB OPS2EN1 Datasheet HTML 23Page - ABB OPS2EN1 Datasheet HTML 24Page - ABB OPS2EN1 Datasheet HTML 25Page - ABB OPS2EN1 Datasheet HTML 26Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 192 page
background image
—
Front operated switch-disconnectors, base and DIN-rail mounting, IEC
Including protected terminal clamps IP20, except OT125FL_ types.
Handle and shaft are not included.
Number
of poles
Open air
thermal
current Ith
Copper cable
cross
section
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
mm²
A/A
kg
3
25
0.75...10
16/16
OT16F3
1SCA104811R1001
0.11
4
25
0.75...10
16/16
OT16F4N2
1SCA104829R1001
0.14
3
32
0.75...10
25/20
OT25F3
1SCA104857R1001
0.11
4
32
0.75...10
25/20
OT25F4N2
1SCA104886R1001
0.14
3
40
0.75...10
40/23
OT40F3
1SCA104902R1001
0.11
4
40
0.75...10
40/23
OT40F4N2
1SCA104932R1001
0.14
3
63
1.5...35
63/63
OT63F3
1SCA105332R1001
0.27
4
63
1.5...35
63/63
OT63F4N2
1SCA105365R1001
0.30
3
80
1.5...35
80/75
OT80F3
1SCA105798R1001
0.27
4
80
1.5...35
80/75
OT80F4N2
1SCA105413R1001
0.30
3
115
10...70
100/80
OT100F3
1SCA105004R1001
0.36
4
115
10...70
100/80
OT100F4N2
1SCA105018R1001
0.50
3
125
10...70
125/90
OT125F3
1SCA105033R1001
0.36
4
125
10...70
125/90
OT125F4N2
1SCA105051R1001
0.50
3
125
125/90
OT125FL3 1)
1SCA112372R1001
0.43
3
125
125/90
OT125FLA3 2)
1SCA114832R1001
0.43
3
125
125/90
OT125FLB3 3)
1SCA114833R1001
0.43
1)
Extended terminals on both sides of the switch
2)
Extended terminals on top side only
3)
Extended terminals on bottom side only
—
Front operated switch-disconnectors, installation switch, base and DIN-rail mounting, IEC
Including a black knob handle and protected terminal clamps IP20. For standard 45 mm
opening. OT16…125M: padlockable in OFF-position with one padlock (bail dia 5 mm).
For switches OT16M...40M, 45 mm adapter handles are available. More information in page
39.
Number
of poles /
modules
Open air
thermal
current Ith
Copper
cable cross
section
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
mm²
A/A
kg
3/2
16
0.75...10
16/16
OT16M3
1SCA022497R0220
0.11
4/3
16
0.75...10
16/16
OT16M4
1SCA022497R0730
0.14
3/2
25
0.75...10
25/20
OT25M3
1SCA022497R0310
0.11
4/3
25
0.75...10
25/20
OT25M4
1SCA022497R0650
0.14
3/2
40
0.75...10
40/23
OT40M3
1SCA022497R0490
0.11
4/3
40
0.75...10
40/23
OT40M4
1SCA022497R0570
0.14
3/3
80
1.5...35
80/75
OT63ML3
1SCA022530R5770
0.27
4/4
80
1.5...35
80/75
OT63ML4
1SCA022530R6400
0.30
3/4
125
10...70
125/90
OT125M3
1SCA022429R9140
0.4
4/6
125
10...70
125/90
OT125M4
1SCA022429R9220
0.5
—
Manual switch-disconnectors OT16...160, IEC
Ordering information
OT16...40F3
OT63...80F3
OT100...125F3
OT125FLB3
OT63ML4
OT125M4
OT40M3
22
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
22
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com