Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 88 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 88 Page - ABB

Back Button OPS2EN1 Datasheet HTML 84Page - ABB OPS2EN1 Datasheet HTML 85Page - ABB OPS2EN1 Datasheet HTML 86Page - ABB OPS2EN1 Datasheet HTML 87Page - ABB OPS2EN1 Datasheet HTML 88Page - ABB OPS2EN1 Datasheet HTML 89Page - ABB OPS2EN1 Datasheet HTML 90Page - ABB OPS2EN1 Datasheet HTML 91Page - ABB OPS2EN1 Datasheet HTML 92Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 192 page
background image
—
Manual switch-disconnectors OT200...2000, UL
Ordering information for side operated non-fusible disconnect switches
—
Side operated non-fusible disconnect switches, base mounting, UL/CSA
Including terminal bolt kit. In OT_K -types a black ON-OFF direct mount handle as standard.
The handle is padlockable in the OFF-position.
Number
of poles
Ampere
rating
Horsepower rating
3-phase
Type
Order code
Weight/unit
240 V AC 480 V AC 600 V AC
A
HP
HP
HP
kg
lb
Handle and shaft have to be ordered separately
3
200
75
150
200
OT200US03
1SCA022870R6290
1.755 3.86
4
200
75
150
200
OT200US04
1SCA022870R6370
2.155 4.74
3
400
125
250
350
OT400US03
1SCA022870R6610
3.06
6.73
4
400
125
250
350
OT400US04
1SCA022870R6700
3.56
7.83
3
600
200
400
500
OT600US03
1SCA022870R7000
6.2
13.64
4
600
200
400
500
OT600US04
1SCA022870R7260
6.2
13.64
Direct mount handle included
3
200
75
150
200
OT200US03K
1SCA022870R6450
1.855 4.08
4
200
75
150
200
OT200US04K
1SCA022870R6530
2.255 4.96
3
400
125
250
350
OT400US03K
1SCA022870R6880
3.16
6.95
4
400
125
250
350
OT400US04K
1SCA022870R6960
3.66
8.05
3
600
200
400
500
OT600US03K
1SCA022870R7340
6.2
13.64
4
600
200
400
500
OT600US04K
1SCA022870R7420
6.2
13.64
Approvals:
- OT200, 400, 600: UL 98, CSA 22-2 No. 4
- IEC 60947-3
—
Recommended shafts and handles
Suitable for switches
Shaft
Handle
Terminal bolts
included as standard
OT200US
OXP6X210
OHB65J6E00S
M8x25
OT400US_600US
OXP12X185
OHB145J12E00S
M10x30
OT200US03
OT200US03K
OT400US03
OT600US03
OT400US03K
OT600US03K
88
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
88
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com