Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 82 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 82 Page - ABB

Back Button OPS2EN1 Datasheet HTML 78Page - ABB OPS2EN1 Datasheet HTML 79Page - ABB OPS2EN1 Datasheet HTML 80Page - ABB OPS2EN1 Datasheet HTML 81Page - ABB OPS2EN1 Datasheet HTML 82Page - ABB OPS2EN1 Datasheet HTML 83Page - ABB OPS2EN1 Datasheet HTML 84Page - ABB OPS2EN1 Datasheet HTML 85Page - ABB OPS2EN1 Datasheet HTML 86Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 192 page
background image
—
Manual switch-disconnectors OT160...4000, IEC
Ordering information
OT1000...1250E03W4P
OT1000...1250E03W8P
OT2000...2500E03W4
OT2000...2500E03W8
OT3200...4000E03W8
—
Front operated switch-disconnectors OT1000...4000 with wide phase distance,
base mounting, IEC
Including a black ON-OFF plastic handle and shaft as standard. The handle is IP65 protected
and padlockable in the OFF position. The door is interlocked when the handle is in ON
position and in OFF position when the handle is padlocked. The shaft can be adjusted to
different installation depths, see page 127.
W4 = Phase distance 140 mm, W8 = Phase distance 185 mm
Number
of poles
Open air thermal
current Ith
Rated operat.
currents
AC22A/AC23A
400...415 V
Type
Order code
Weight/
unit
A
A/A
kg
3
1000
1000/1000
OT1000E03W4P 1SCA022871R7310
19.8
4
1000
1000/1000
OT1000E04W4P 1SCA100762R1001
24.0
3
1000
1000/1000
OT1000E03W8P 1SCA022871R8110
22.0
3
1250
1250/1250
OT1250E03W4P 1SCA022866R1920
19.8
4
1250
1250/1250
OT1250E04W4P 1SCA022866R2220
24.0
3
1250
1250/1250
OT1250E03W8P 1SCA022871R8540
22.0
3
1600
1600/1250
OT1600E03W4P 1SCA022865R9860
22.0
4
1600
1600/1250
OT1600E04W4P 1SCA022866R1090
26.0
3
1600
1600/1250
OT1600E03W8P 1SCA022871R8970
24.0
3
2000
2000/*)
OT2000E03W4P 1SCA108042R1001
42.0
4
2000
2000/*)
OT2000E13W4P 1SCA109284R1001
48.0
3
2000
2000/*)
OT2000E03W8P 1SCA108045R1001
42.0
4
2000
2000/*)
OT2000E13W8P 1SCA109283R1001
48.0
3
2500
2500/*)
OT2500E03W4P 1SCA108047R1001
49.0
4
2500
2500/*)
OT2500E13W4P 1SCA109285R1001
49.0
3
2500
2500/*)
OT2500E03W8P 1SCA108049R1001
49.0
4
2500
2500/*)
OT2500E13W8P 1SCA109286R1001
49.0
3
3200
3200/*)
OT3200E03W8P 1SCA128599R1001
31.0
4
3200
3200/*)
OT3200E04W8P 1SCA128682R1001
39.0
3
4000
4000/*)
OT4000E03W8P 1SCA128687R1001
35.5
4
4000
4000/*)
OT4000E04W8P 1SCA128666R1001
44.0
*) AC22B
—
Shafts, pistol handles and terminal bolt kits included as standard
Suitable for switches
Shaft
Handle
Terminal bolt kit
OT1000...1250_P
OXP12X280
OHB274J12
M12X50
OT3200…4000E_
OXP12X280
OHB274J12
M12X60
OT3200…4000E_P
OXP12X280
OHB274J12
M12X60
82
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
82
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com