Electronic Components Datasheet Search
  English  ▼

X  

OPS2EN1 Datasheet(PDF) 130 Page - ABB

Part # OPS2EN1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2EN1 Datasheet(HTML) 130 Page - ABB

Back Button OPS2EN1 Datasheet HTML 126Page - ABB OPS2EN1 Datasheet HTML 127Page - ABB OPS2EN1 Datasheet HTML 128Page - ABB OPS2EN1 Datasheet HTML 129Page - ABB OPS2EN1 Datasheet HTML 130Page - ABB OPS2EN1 Datasheet HTML 131Page - ABB OPS2EN1 Datasheet HTML 132Page - ABB OPS2EN1 Datasheet HTML 133Page - ABB OPS2EN1 Datasheet HTML 134Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 192 page
background image
OEA28
—
Auxiliary contact blocks for OT160EV…4000, IP20
Contact numbering according to EN 50013. Early break type auxiliary contacts means
that in the switches, the NO aux.contacts break before the main contacts open.
In types with auxiliary contacts mountable under the mechanism cover, the "test" contacts
operate in ON- and OFF-positions as well as when the handle is turned to TEST-position
(45° over the OFF-position). The "test indication" contacts operate only when the handle
is turned to TEST-position. The OA1G10 (N.O.) or OA3G01 (N.C.) auxiliary contact blocks
can be used as standard auxiliary contacts, "test" or "test indication" contacts.
The desired functions are achieved when an auxiliary contact block is installed in a specific
place (see mounting instructions). In order to activate the "test" and "test indication" fea-
tures a handle with test function is required. The test contacts can be used as standard
auxiliary contacts as well.
See next pages for performance data, functions and contact timing.
Suitable for switches
Function
Type
Order code
Weight/
unit
kg
Mounting on the left side of the switch
Max. 8 auxiliary contact blocks with the OEA28 module.
OT160EV...4000,
OT200...2000U
1NO
OA1G10
1SCA022353R4970
0.03
1NO
OA1G10AU 1)
1SCA022436R7910
0.03
1NC
OA3G01
1SCA022456R7410
0.03
1NC
OA3G01AU 1)
1SCA022819R5260
0.03
Mounting under the mechanism cover
Max. 4 test contacts or 2 test contacts + 2 test indication contacts
OT160EV...250E,
OT200U
1NO, early break
OA1G10
1SCA022353R4970
0.03
1NO, early break
OA1G10AU 1)
1SCA022436R7910
0.03
1NC, early make
OA3G01
1SCA022456R7410
0.03
1NC, early make
OA3G01AU 1)
1SCA022819R5260
0.03
Max. 4 test contacts + 4 test indication contacts
Switches with _K handle: 2+4 auxiliary contacts with _P handle: 4+4 auxiliary contacts 2)
OT315...800E,
OT400...600U
1NO, early break
OA1G10
1SCA022353R4970
0.03
1NO, early break
OA1G10AU 1)
1SCA022436R7910
0.03
1NC, early make
OA3G01
1SCA022456R7410
0.03
1NC, early make
OA3G01AU 1)
1SCA022819R5260
0.03
Max 4 test indication contacts + 6 test contacts + 2 early operation test contacts
OT1000...4000E,
OT800...2000U
1NO, early break
OA1G10
1SCA022353R4970
0.03
1NO, early break
OA1G10AU 1)
1SCA022436R7910
0.03
1NC, early make
OA3G01
1SCA022456R7410
0.03
1NC, early make
OA3G01AU 1)
1SCA022819R5260
0.03
1)
Types _AU are gold plated for extremely difficult circumstances and low voltages.
2)
See optional handles in page 121-124.
—
Module for auxiliary contacts with OT160EV…4000
Screw mounting to the left side of the switch.
Suitable for switches
Type
Order code
Weight/
unit
kg
OT160EV…4000
OEA28
1SCA022714R8810
0.04
- Does not fit side operated switches.
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for auxiliary contacts
22
21
1 nc
1NC
14
13
1 no
1NO
OA1G10, OA3G01
Video: Auxiliary
contacts installation
https://www.youtube.
com/watch?v=wZY428-
W5sc&feature=youtu.be
Video: Installation of
OEA28 – Module for
auxiliary contacts
https://www.youtube.
com/watch?v=j-
4wb659WZE&feature=youtu.
be
130
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
130
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com