Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33883
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 14. Application Schematic with External Protection Circuit
IN_LS2
IN_HS2
IN_LS1
IN_HS1
VBAT
G_EN
C1
C2
CCP
CLR_OUT
CCP_OUT
MCU
VCC2
VCC
VBOOST
33883
M1
M2
M3
M4
R1
R2
470 nF
470 nF
50
50
50
50
33 nF
DC
Motor
R3
10
10 nF
C3
10 nF
C4
10
R4
IN_LS2
IN_HS2
IN_LS1
IN_HS1
G_EN
C1
C2
VCC2
VCC
GND
GATE_LS2
SRC_HS2
GATE_HS2
GATE_LS1
SRC_HS1
GATE_HS1
LR_OUT
CP_OUT
18 V
18 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com