Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33883
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VCC = 12 V, VCC2 = 12 V, CCP = 33 nF, G_EN = 4.5 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OPERATING CONDITIONS
Supply Voltage 1 for Output High-Side Driver and Charge Pump
VCC
5.5
–
55
V
Supply Voltage 2 for Linear Regulation
VCC2
5.5
–
28
V
High-Side Floating Supply Absolute Voltage
VCP_OUT
VCC+4
–
VCC+11
but < 65
V
LOGIC
Logic 1 Input Voltage (IN_LS and IN_HS)
VIH
2.0
–
10
V
Logic 0 Input Voltage (IN_LS and IN_HS)
VIL
––
0.8
V
Logic 1 Input Current
VIN = 5.0 V
IIN+
200
–
1000
A
Wake-Up Input Voltage (G_EN)
VG_EN
4.5
5.0
VCC2
V
Wake-Up Input Current (G_EN)
VG_EN = 14 V
IG_EN
–
200
500
A
Wake-Up Input Current (G_EN)
VG_EN = 28 V
IG_EN2
––
1.5
mA
LINEAR REGULATOR
Linear Regulator
VLR_OUT @ VCC2 from 15 V to 28 V, ILOAD from 0 mA to 20 mA
VLR_OUT @ ILOAD = 20 mA
VLR_OUT @ ILOAD = 20 mA, VCC2 =5.5V, VCC 5.5V
VLR_OUT
12.5
VCC2-1.5
4.0
–
–
–
16.5
–
–
V
CHARGE PUMP
Charge Pump Output Voltage, Reference to VCC
VCC = 12 V, ILOAD = 0 mA, CCP_OUT = 1.0 F
VCC = 12 V, ILOAD = 7.0 mA, CCP_OUT = 1.0 F
VCC2 = VCC = 5.5 V, ILOAD = 0 mA, CCP_OUT = 1.0 F
VCC2 = VCC = 5.5 V, ILOAD = 7.0 mA, CCP_OUT = 1.0 F
VCC = 55 V, ILOAD = 0 mA, CCP_OUT = 1.0 F
VCC = 55 V, ILOAD = 7.0 mA, CCP_OUT = 1.0 F
VCP_OUT
7.5
7.0
2.3
1.8
7.5
7.0
–
–
–
–
–
–
–
–
–
–
–
–
V
Peak Current Through Pin C1 Under Rapidly Changing VCC Voltages (see
Figure 13, page 17)
IC1
-2.0
–
2.0
A
Minimum Peak Voltage at Pin C1 Under Rapidly Changing VCC Voltages
(see Figure 13, page 17)
VC1MIN
-1.5
–
–
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com