Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33883 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33883
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33883 20-SOICW Pin Connections
A functional description of each pin can be found in the Functional Pin Description section beginning on page 10.
Table 1. 20-SOICW Pin Definitions
Pin
Pin Name
Formal Name
Definition
1VCC
Supply Voltage 1
Device power supply 1.
2C2
Charge Pump Capacitor
External capacitor for internal charge pump.
3CP_OUT
Charge Pump Out
External reservoir capacitor for internal charge pump.
4
SRC_HS1
Source 1 Output High Side
Source of high-side 1 MOSFET
5
GATE_HS
1
Gate 1 Output High Side
Gate of high-side 1 MOSFET.
6
IN_HS1
Input High Side 1
Logic input control of high-side 1 gate (i.e., IN_HS1 logic HIGH = GATE_HS1 HIGH).
7
IN_LS1
Input Low Side 1
Logic input control of low-side 1 gate (i.e., IN_LS1 logic HIGH = GATE_LS1 HIGH).
8
GATE_LS1 Gate 1 Output Low Side
Gate of low-side 1 MOSFET.
9GND1
Ground 1
Device ground 1.
10
LR_OUT
Linear Regulator Output
Output of internal linear regulator.
11
VCC2
Supply Voltage 2
Device power supply 2.
12
GND_A
Analog Ground
Device analog ground.
13
C1
Charge Pump Capacitor
External capacitor for internal charge pump.
14
GND2
Ground 2
Device ground 2.
15
GATE_LS2 Gate 2 Output Low Side
Gate of low-side 2 MOSFET.
16
IN_LS2
Input Low Side 2
Logic input control of low-side 2 gate (i.e., IN_LS2 logic HIGH = GATE_LS2 HIGH).
17
IN_HS2
Input High Side 2
Logic input control of high-side 2 gate (i.e., IN_HS2 logic HIGH = GATE_HS2 HIGH).
18
GATE_HS
2
Gate 2 Output High Side
Gate of high-side 2 MOSFET.
19
SRC_HS2
Source 2 Output High Side
Source of high-side 2 MOSFET.
20
G_EN
Global Enable
Logic input Enable control of device (i.e., G_EN logic HIGH = Full Operation, G_EN
logic LOW = Sleep Mode).
VCC
CP_OUT
IN_LS1
GATE_LS1
GND1
LR_OUT
SRC_HS1
GATE_HS1
IN_HS1
C2
G_EN
IN_HS2
IN_LS2
GATE_LS2
GND2
C1
GND_A
VCC2
SRC_HS2
GATE_HS2
4
5
6
7
8
9
10
2
3
20
18
14
13
12
11
17
16
15
19
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com