Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33883
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
SUPPLY VOLTAGE
Quiescent VCC Supply Current
VG_EN = 0 V and VCC = 55 V
VG_EN = 0 V and VCC = 12 V
IVCCSLEEP
–
–
–
–
10
10
A
Operating VCC Supply Current (6)
VCC = 55 V and VCC2 = 28 V
VCC = 12 V and VCC2 = 12 V
IVCCOP
–
–
2.2
0.7
–
–
mA
Additional Operating VCC Supply Current for Each Logic Input Pin Active
VCC = 55 V and VCC2 = 28 V
(7)
IVCCLOG
––
5.0
mA
Quiescent VCC2 Supply Current
VG_EN = 0 V and VCC = 12 V
VG_EN = 0 V and VCC = 28 V
IVCC2SLEEP
–
–
–
–
5.0
5.0
A
Operating VCC2 Supply Current (6)
VCC = 55 V and VCC2 = 28 V
VCC = 12 V and VCC2 = 12 V
IVCC2OP
–
–
–
–
12
9.0
mA
Additional Operating VCC2 Supply Current for Each Logic Input Pin Active
VCC = 55 V and VCC2 = 28 V
(7)
IVCC2LOG
––
5.0
mA
Undervoltage Shutdown VCC
UV
4.0
5.0
5.5
V
Undervoltage Shutdown VCC2 (8)
UV2
4.0
5.0
5.5
V
Overvoltage Shutdown VCC
OV
57
61
65
V
Overvoltage Shutdown VCC2
OV2
29.5
31
35
V
OUTPUT
Output Sink Resistance (Turned Off)
Idischarge LSS = 50 mA, VSRC_HS = 0 V
(8)
RDS
––
22
Output Source Resistance (Turned On)
Icharge HSS = 50 mA, VCP_OUT = 20 V
(8)
RDS
––
22
Charge Current of the External High-Side MOSFET Through GATE_HSn
Pin (9)
ICHARGE HSS
–
100
200
mA
Maximum Voltage (VGATE_HS - VSRC_HS)
INH = Logic 1, ISmax = 5.0 mA
VMAX
––
18
V
Notes
6.
Logic input pin inactive (high impedance).
7.
High-frequency PWM-ing (
» 20 kHz) of the logic inputs will result in greater power dissipation within the device. Care must be taken to
remain within the package power handling rating.
8.
The device may exhibit predictable behavior between 4.0 V and 5.5 V.
9.
See Figure 5, page 12, for a description of charge current.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions VCC = 12 V, VCC2 = 12 V, CCP = 33 nF, G_EN = 4.5 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com