Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33883 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33883
Rev 10.0, 10/2012
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007-2012. All rights reserved.
H-Bridge Gate Driver IC
The 33883 is an H-bridge gate driver (also known as a full-bridge
pre-driver) IC with integrated charge pump and independent high and
low side gate driver channels. The gate driver channels are
independently controlled by four separate input pins, thus allowing
the device to be optionally configured as two independent high side
gate drivers and two independent low side gate drivers. The low side
channels are referenced to ground. The high side channels are
floating.
The gate driver outputs can source and sink up to 1.0 A peak
current pulses, permitting large gate-charge MOSFETs to be driven
and/or high pulse- width modulation (PWM) frequencies to be utilized.
A linear regulator is incorporated, providing a 15 V typical gate supply
to the low side gate drivers.
This device powered by SMARTMOS technology.
Features
•VCC operating voltage range from 5.5 V up to 55 V
•VCC2 operating voltage range from 5.5 V up to 28 V
• CMOS/LSTTL compatible I/O
• 1.0 A peak gate driver current
• Built-in high side charge pump
• Under-voltage lockout (UVLO)
• Over-voltage lockout (OVLO)
• Global enable with <10
A Sleep mode
• Supports PWM up to 100 kHz
Figure 1. 33883 Simplified Application Diagram
H-BRIDGE GATE DRIVER IC
33883
ORDERING INFORMATION
Device
(Add R2 Suffix for
Tape and Reel)
Temperature
Range (TA)
Package
MC33883HEG
-40 °C to 125 °C
20 SOICW
EG SUFFIX (PB-FREE)
98ASB42343B
20-PIN SOICW
MCU
33883
VBOOST
VBAT
GND
SRC_HS2
GATE_LS2
CP_OUT
LR_OUT
GATE_HS1
SRC_HS1
GATE_LS1
GATE_HS2
IN_HS1
IN_LS1
IN_HS2
IN_LS2
VCC
VCC2
G_EN
C1
C2
DC
Motor
GND_A
/2


Similar Part No. - 33883

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
H-Bridge Gate Driver IC
More results

Similar Description - 33883

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
Automotive H-Bridge Gate Driver
logo
Toshiba Semiconductor
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com