Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33883 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33883
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33883 Simplified Internal Block Diagram
Undervolt-
age/Over-
voltage
G_EN
IN_HS1
IN_LS1
IN_HS2
IN_LS2
GATE_LS1
SRC_HS1
GATE_HS
CP_OUT
LR_OUT
GATE_LS2
SRC_HS2
GATE_HS
Pulse
Generator
VDD/VCC
Level Shift
Pulse
Generator
VDD/VPOS
Level Shift
IN
OU
Con-
troland
Logic
Linear
Reg
VCC2
EN
GND
+5.0 V
+14.5 V
VDD
HIGH- AND LOW-SIDE
Charge
Pump
EN
GND
C2
VPOS
VCC
C1
VCC2
VCC
VCC
VCC2
VCC
VCC2
CP_OUT
LR_OUT
VCC, VCC2
VDD
C2
C1
BRG_EN
Pulse
Generator
VDD/VCC
Level Shift
Pulse
Generator
VDD/VPOS
Level Shift
GND
CONTROL WITH CHARGE PUMP
CP_OUT
VCC
Output
Driver
IN
OU
CP_OUT
VCC
Output
Driver
IN
OU
LR_OUT
Output
Driver
IN
OU
LR_OUT
Output
Driver
Con-
troland
Logic
Con-
troland
Logic
Con-
troland
Logic
BRG_EN
BRG_EN
BRG_EN
HIGH-SIDE CHANNEL
LOW-SIDE CHANNEL
HIGH-SIDE CHANNEL
LOW-SIDE CHANNEL
GND2
GND2
GND1
GND
GND_
GND2
GND_A
TSD1
Thermal Shutdown
TSD1
TSD1
TSD2
Thermal Shutdown
TSD2
TSD2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com