Electronic Components Datasheet Search
  English  ▼

X  

33883 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 33883
Description  H-Bridge Gate Driver IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33883 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 33883 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33883 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
33883
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
LOW-DROP LINEAR REGULATOR
The low-drop linear regulator is supplied by VCC2. If VCC2
exceeds 15.0 V, the output is limited to 14.5 V (typical).
The low-drop linear regulator provides the 5.0 V for the
logic section of the driver, the Vgs_ls buffered at LR_OUT, and
the +14.5 V for the charge pump, which generates the
CP_OUT The low-drop linear regulator provides 4.0 mA
average current per driver stage.
In case of the full bridge, that means approximately
16 mA — 8.0 mA for the high side and 8.0 mA for the low
side.
Note: The average current required to switch a gate with
a frequency of 100 kHz is:
ICP = Qg * fPWM = 80 nC * 100 kHz = 8.0 mA
In a full-bridge application only one high side and one low
side switches on or off at the same time.
CHARGE PUMP
The charge pump generates the high-side driver supply
voltage (CP_OUT), buffered at CCP_OUT. Figure 8 shows the
charge pump basic circuit without load.
Figure 8. Charge Pump Basic Circuit
When the oscillator is in low state [(1) in Figure 8], CCP is
charged through D2 until its voltage reaches VCC - VD2. When
the oscillator is in high state (2), CCP is discharged though D1
in CCP_OUT, and final voltage of the charge pump, VCP_OUT,
is Vcc + VLR_OUT - 2VD. The frequency of the 33883 oscillator
is about 330 kHz.
EXTERNAL CAPACITORS CHOICE
External capacitors on the charge pump and on the linear
regulator are necessary to supply high peak current
absorbed during switching.
Figure 9 represents a simplified circuitry of the high-side
gate driver. Transistors Tosc1 and Tosc2 are the oscillator-
switching MOSFETs. When Tosc1 is on, the oscillator is at
low level. When Tosc2 is on, the oscillator is at high level. The
capacitor CCP_OUT provides peak current to the high-side
MOSFET through HSS during turn-on (3).
Figure 9. High-Side Gate Driver
Osc.
Vbat
VCP_OUT
Ccp_out
VLR_OUT
Ccp
D1
D2
A
(1)
(2)
VLR_OUT
OSC.
CCP
VCC
CP_OUT
CCP_OUT
C2
D2
D1
C1
Ccp_out
VLR-OUT
Ccp
D1
D2
C1
Vcc
C2
CP_out
SRC_HS
HS
MOSFET
LS
MOSFET
T1
T2
Rg
Tosc1
Tosc2
GATE_HS
pins
(3)
High-Side
MOSFET
Low-Side
MOSFET
SRC_HS
GATE_HS
VCC
C1
C2
CCP
D2
D1
CP_OUT
VLR_OUT
Tosc2
Tosc1
HSS
LSS
Pins
CCP_OUT
Rg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com