Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 15 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 15 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
11
When a fault is triggered, the corresponding fault status register is set, and the
_____
ALERT pin will be asserted. The
12-bit temperature reading for the corresponding channel is 0000 0000 0000. When the channel fault is detected,
the corresponding channel’s Low Limit will not be checked.
A short between DPx and DNx or a short between DP and GND is indistinguishable from a temperature
measurement of 0°C in default range or -64°C in extended range.
9.5. Dynamic averaging
The DIO1413/1414 have a configurable dynamic averaging feature. Enabling this function can minimize the
temperature errors by extending the measuring time. At low conversion rates, disabling the dynamic averaging
function can reduce the power consumption.
9.6. Conversion rates
Users can configure conversion rates for temperature measurements. The following table shows the conversion
rate and the corresponding averaging factor.
Table 3. Conversion rate and current consumption
Conversion Rate (s)
Averaging Factor (12-bit)
Dynamic Averaging Enabled
Dynamic Averaging Disabled
1
8×
1×
2
4×
1×
4
2×
1×
8
1×
1×
16
0.5×
0.5×
9.7. Reporting temperature
The temperature read by the DIO1413/1414 is presented in 12-bit binary format with a temperature resolution of
0.0625°C. The default temperature range is 0°C ~ 127.9375°C and the extended temperature range is -64°C ~
191.9375°C (see table 4).
In the default temperature range, the temperature values below 0°C are reported as 0°C, and the temperature
values above 127.9375°C are reported as 127.9375°C.
In the extended temperature range, temperatures below -64°C are reported as -64°C and temperatures above
191.9375°C are reported as 191.9375°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com