Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 29 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 29 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 32Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 33Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
25
12.8. Therm Limit registers
The Therm Limit registers are used to set temperatures for thermal event. Once the measured temperature of
any channel exceeds the corresponding Therm Limit, the
______
THERM /ADDR pin is asserted. Note that the limit
setting data format must match the chosen data format of the temperature reading registers.
The
______
THERM /ADDR pin cannot be masked by either MASK_ALL bit or individual mask bit. Additionally, the
______
THERM /ADDR pin will be deasserted once the measured temperature drops below the corresponding Therm
Limit minus the Therm Hysteresis.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
19h
R/W
External channel
1 Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
1Ah
R/W
External channel
2 Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
20h
R/W
Internal Therm
Limit
128
64
32
16
8
4
2
1
55h
(85°C)
21h
R/W
Therm
Hysteresis
128
64
32
16
8
4
2
1
0Ah
(10°C)
30h
R/W
External channel
3 Therm Limit
128
64
32
16
8
4
2
1
55h
(85°C)
Note: R = Read. W = Write.
12.9. External fault register
The external fault register is used to store the detected fault event of the external channels. When it is read, this
register is cleared.
Addr. Type
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
1Bh
R-C
External
fault
Reserved
E3FLT
E2FLT
E1FLT
Reserved
00h
Note: R-C = Read then Clear.
Bit
Name
Description
7:4
Reserved
Do not use.
3
E3FLT
This bit will be set when the external channel 3 is detected a fault. (DIO1414 only)
2
E2FLT
This bit will be set if the external channel 2 is detected a fault.
1
E1FLT
This bit will be set if the external channel 1 is detected a fault.
0
Reserved
Do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com