Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 27 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 27 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 25Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 26Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 27Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 28Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 29Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 30Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 31Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
23
When the device is in the standby mode, updating the limit registers will have no effect until the new temperature
measurement results updating. Writing to the one shot register or clearing the RUN/STOP bit will both initiate a
new temperature measurement.
Addr.
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
05h
R/W
Internal High
Limit
128
64
32
16
8
4
2
1
55h
(85°C)
0Bh
06h
R/W
Internal Low
Limit
128
64
32
16
8
4
2
1
00h
(0°C)
0Ch
07h
R/W
External
channel 1
High Limit
high byte
128
64
32
16
8
4
2
1
55h
(85°C)
0Dh
13h
R/W
External
channel 1
High Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h
08h
R/W
External
channel 1
Low Limit
high byte
128
64
32
16
8
4
2
1
00h
(0°C)
0Eh
14h
R/W
External
channel 1
Low Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h
15h
R/W
External
channel 2
High Limit
high byte
128
64
32
16
8
4
2
1
55h
(85°C)
16h
R/W
External
channel 2
Low Limit high
byte
128
64
32
16
8
4
2
1
00h
(0°C)
17h
R/W
External
channel 2
High Limit low
byte
0.5
0.25
0.125
0.0625
-
-
-
-
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com