Electronic Components Datasheet Search
  English  ▼

X  

DIO1413CMP10 Datasheet(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1413CMP10
Description  Beta Compensation
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1413CMP10 Datasheet(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1413CMP10 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO1413CMP10 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DIO1413/1414
Version 1.2, Sep 2024
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD.
15
By keeping the SMBus data line high after the 8th data bit has been sent, the host will NACK (not acknowledge)
the final data byte that has been received from the client.
11.1.4. SMBus timeout
SMBus timeout function is supported by the DIO1413/1414. The device resets its SMBus protocol if the clock
line is maintained low for more than 30 ms. Setting the TIMEOUT bit in the consecutive ALERT register (see
section 12.11) will enable this function.
11.1.5. SMBus and I2C compatibility
SMBus and I2C are both supported by the DIO1413/1414. Here shows the key differences between SMBus and
I2C devices.
The DIO1413/1414 support I2C fast mode at 400 kHz, covering 100 kHz (maximum SMBus time).
(1) 10 kHz is the minimum frequency for SMBus communications.
(2) The condition of resetting the SMBus client protocol is that the clock is kept at a logic “0” for longer than 30
ms. The timeout functionality is disabled by default while it is enabled by writing to the bit 7 in the consecutive
ALERT register (TIMEOUT bit). I2C doesn’t have a timeout.
(3) I2C devices can’t support the ALERT response address functionality and it’s optional for SMBus.
The DIO1413/1414 SMBus interface will not respond to signals sent with an invalid slave address or an invalid
protocol, and the register contents will remain unaffected. Stretching of the SMCLK signal is supported if the
timing is managed by other SMBus components.
11.2. SMBus protocol
The DIO1413/1414 support various kind of byte protocols: Send bite, Read byte, Write byte, Receive byte and
Alert response address as valid protocols.
(1) Write byte: Writing one byte of data to the registers.
(2) Read byte: Reading one byte of data from the registers.
(3) Send byte: Setting the internal address register pointer to the correct address location. Noted that no data is
transferred during the Send byte protocol.
(4) Receive byte: Reading data from a register when the internal register address pointer is at the correct
location via Send byte. This is used for consecutive reads of the same register.
(5) Alert response address: the
_____
ALERT pin output can be interpreted as interrupt or as an SMBus Alert by the
host. When the
_____
ALERT pin is asserted, the host will send the Alert Response Address (ARA) to the general
address of 0001_100xb. The DIO1413/1414 will respond to the ARA in two steps: send the slave address of
DIO1413 or DIO1414. Then the channel mask bit will be set and the
_____
ALERT pin will be deasserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com